Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2317PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2317PCBA
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2317PCBA Datasheet HTML 1Page - RF Micro Devices RF2317PCBA Datasheet HTML 2Page - RF Micro Devices RF2317PCBA Datasheet HTML 3Page - RF Micro Devices RF2317PCBA Datasheet HTML 4Page - RF Micro Devices RF2317PCBA Datasheet HTML 5Page - RF Micro Devices RF2317PCBA Datasheet HTML 6Page - RF Micro Devices RF2317PCBA Datasheet HTML 7Page - RF Micro Devices RF2317PCBA Datasheet HTML 8Page - RF Micro Devices RF2317PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
4
5
8
6
7
2
3
16
13
12
9
11
10
15
14
RF OUT
NC
RF IN
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
NC
RF2317
LINEAR CATV AMPLIFIER
The RF2317 is a general purpose, low-cost high-linearity RF amplifier IC. The device
is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transis-
tor (HBT) process, and has been designed for use as an easily cascadable 75
Ω
gain block. The gain flatness of better than ±0.5dB from 50MHz to 1000MHz, and
the high linearity, make this part ideal for cable TV applications. Other applications
include IF and RF amplification in wireless voice and data communication products
operating in frequency bands up to 3GHz. The device is self-contained with 75
Ω
input and output impedances and requires only two external DC biasing elements
to operate as specified.
Features
DC to 3.0GHz Operation
Internally Matched Input and
Output
15dB Small Signal Gain
4.9dB Noise Figure
+47dBm Output IP3
Single 9V to 12V Power Sup-
ply
Apllications
CATV Distribution Amplifiers
Cable Modems
Broadband Gain Blocks
Laser Diode Driver
Return Channel Amplifier
Base Stations
RF2317
Linear CATV Amplifier
RF2317 PCBA
Fully Assembled Evaluation Board - 50
Ω
RF2317 PCBA
Fully Assembled Evaluation Board - 75
Ω
Rev A19 DS050822
RoHS Compliant & Pb-Free Product
Package Style: CJ2BAT0


Similar Part No. - RF2317PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317PCBA RFMD-RF2317PCBA Datasheet
151Kb / 8P
LINEAR CATV AMPLIFIER
RF2317PCBA RFMD-RF2317PCBA Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
More results

Similar Description - RF2317PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
LINEAR CATV AMPLIFIER
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
CATV ULTRA-LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
CATV Linear Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
CATV Ultra Linear Gain Amplifier
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
LINEAR CATV AMPLIFIER
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Advanced Semiconductor ...
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com