Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-100VIP Datasheet(PDF) 26 Page - Eon Silicon Solution Inc.

Part # EN25F80-100VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-100VIP Datasheet(HTML) 26 Page - Eon Silicon Solution Inc.

Back Button EN25F80-100VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
26
EN25F80
Rev. E, Issue Date: 2007/11/23
ABSOLUTE MAXIMUM RATINGS
Stresses above the values so mentioned above may cause permanent damage to the device. These
values are for a stress rating only and do not imply that the device should be operated at conditions
up to or above these values. Exposure of the device to the maximum rating values for extended
periods of time may adversely affect the device reliability.
Parameter
Value
Unit
Storage Temperature
-65 to +125
°C
Plastic Packages
-65 to +125
°C
Output Short Circuit Current
1
200
mA
Input and Output Voltage (with respect to
ground)
2
-0.5 to +4.0
V
Vcc
-0.5 to +4.0
V
Notes:
1.
No more than one output shorted at a time. Duration of the short circuit should not be greater than one second.
2.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot Vss to –1.0V for
periods of up to 50ns and to –2.0 V for periods of up to 20ns. See figure below. Maximum DC voltage on output and I/O
pins is Vcc + 0.5 V. During voltage transitions, outputs may overshoot to Vcc + 1.5 V for periods up to 20ns. See figure
below.
RECOMMENDED OPERATING RANGES 1
Parameter
Value
Unit
Ambient Operating Temperature
Commercial Devices
Industrial Devices
0 to 70
-40 to 85
°C
Regulated: 3.0 to 3.6
Operating Supply Voltage
Vcc
Full: 2.7 to 3.6
V
Notes:
1. Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
Vcc
+1.5V
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com