Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-100VIP Datasheet(PDF) 32 Page - Eon Silicon Solution Inc.

Part # EN25F80-100VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-100VIP Datasheet(HTML) 32 Page - Eon Silicon Solution Inc.

Back Button EN25F80-100VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 32Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
32
EN25F80
Rev. E, Issue Date: 2007/11/23
Revisions List
Revision No Description
Date
A
Initial release
2006/11/02
B
Add 8 pins PDIP package at page1,page31 and page 32
2006/12/01
C
Change Table 8. DC Characteristics VIL Max 0.3 VCC to 0.2 VCC
in page 23
2007/02/07
D
1. Add 8 Lead PDIP in Figure 1. Connection Diagram in page 2.
2. Change Table 7 Write Inhibit Voltage (Max) from 2V to 2.5V
in page 22
3. Change Table 10. 100MHz AC Characteristics tCLQV from 6 ns
to 8 ns in page 24
2007/05/16
E
1. Update the Table 6. Status Register Bit Locations in page 10.
2. Modify the Figure 17 in page 18 for the starting point of tRES2
3. Modify the Figure 18 in page 19
(1) revise the manufacture ID to 1Ch
(2) the number of clock count to cover the manufacture ID
should be 31 to 38 and the last clock to clock out device ID is
46.
4. Modify the Figure 19 in page 20, the clock count to cover the
device ID should be from 15 to 31
2007/11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com