Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-100VIP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25F80-100VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-100VIP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25F80-100VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN25F80
Rev. E, Issue Date: 2007/11/23
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the device, most significant bit first.
Serial Data Input (DI) is sampled on the first rising edge of Serial Clock (CLK) after Chip Select (CS#)
is driven Low. Then, the one-byte instruction code must be shifted in to the device, most significant
bit first, on Serial Data Input (DI), each bit being latched on the rising edges of Serial Clock (CLK).
The instruction set is listed in Table 4. Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by address bytes, or by data bytes, or by
both or none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence
has been shifted in. In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed
(Fast_Read), Read Status Register (RDSR) or Release from Deep Power-down, and Read Device
ID (RDI) instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip
Select (CS#) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write
Status Register (WRSR), Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP)
instruction, Chip Select (CS#) must be driven High exactly at a byte boundary, otherwise the
instruction is rejected, and is not executed. That is, Chip Select (CS#) must driven High when the
number of clock pulses after Chip Select (CS#) being driven Low is an exact multiple of eight. For
Page Program, if at any time the input byte is not a full byte, nothing will happen and WEL will not be
reset.
In the case of multi-byte commands of Page Program (PP), and Release from Deep Power
Down (RES ) minimum number of bytes specified has to be given, without which, the
command will be ignored.
In the case of Page Program, if the number of byte after the command is less than 4 (at least
1 data byte), it will be ignored too. In the case of SE and BE, exact 24-bit address is a must,
any less or more will cause the command to be ignored.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or
Erase cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle
continues unaffected.
Table 4. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable / Exit
OTP mode
04h
Read Status
Register
05h
(S7-S0)(1)
continuous
(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Sector Erase
20h
A23-A16
A15-A8
A7-A0
Block Erase
D8h/ 52h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/ 60h
Deep Power-down
B9h
Release from Deep
Power-down, and
ABh
dummy
dummy
dummy
(ID7-ID0)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com