Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-100VIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN25F80-100VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-100VIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN25F80-100VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F80-100VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN25F80
Rev. E, Issue Date: 2007/11/23
read Device ID
Release from Deep
Power-down
Manufacturer/
Device ID
90h
dummy
dummy
00h(5)
(M7-M0)
(ID7-ID0)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Enter OTP mode
3Ah
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
Table 5. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
13h
90h
1Ch
13h
9Fh
1Ch
3114h
Write Enable (WREN) (06h)
The Write Enable (WREN) instruction (Figure 5) sets the Write Enable Latch (WEL) bit. The Write
Enable Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block
Erase (BE), Chip Erase (CE) and Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending the
instruction code, and then driving Chip Select (CS#) High.
Figure 5. Write Enable Instruction Sequence Diagram
Write Disable (WRDI) (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status
Register to a 0 or exit from OTP mode to normal mode. The Write Disable instruction is entered by
driving Chip Select (CS#) low, shifting the instruction code “04h” into the DI pin and then driving Chip
Select (CS#) high. Note that the WEL bit is automatically reset after Power-up and upon completion
of the Write Status Register, Page Program, Sector Erase, Block Erase (BE) and Chip Erase
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com