Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices RF2713 Datasheet HTML 10Page - RF Micro Devices RF2713 Datasheet HTML 11Page - RF Micro Devices RF2713 Datasheet HTML 12Page - RF Micro Devices RF2713 Datasheet HTML 13Page - RF Micro Devices RF2713 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - Demodulator Configuration
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - Modulator Configuration
1
2
3
4
5
6
7
14
13
12
11
10
9
8
QUAD
DIV.
BY 2
R1
50
Ω
VCC
VCC
2713401-
C1
0.1 uF
J1
IF IN
C2
0.1 uF
C3
0.1 uF
C5
0.1 uF
R2
50
Ω
C4
0.1 uF
50
Ω μstrip
J4
LO
50
Ω μstrip
50
Ω μstrip
J3
I OUT
50
Ω μstrip
J2
Q OUT
P1-3
VCC
NC
GND
P1
1
2
3
CON3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
QUAD
DIV.
BY 2
R1
50
Ω
VCC
2713400-
C1
0.1 uF
J1
I
C4
0.1 uF
C6
0.1 uF
R4
50
Ω
C5
0.1 uF
50
Ω μstrip
J4
LO
50
Ω μstrip
C2
0.1 uF
C3
0.1 uF
R3
1 k
Ω
J3
IF OUT
50
Ω μstrip
R2
50
Ω
50
Ω μstrip
J2
Q
VCC
P1
1
2
3
CON3
P1-1
VCC
NC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com