Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices RF2713 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description (Modulator Configuration)
Interface Schematic
1I INPUT A
When the RF2713 is configured as a Quadrature Modulator, each mixer is
driven by an independent baseband modulation channel (I and Q). The
mixers can be driven single-endedly (as shown in the modulator applica-
tion circuit) or differentially. When driving single-endedly, the B Inputs (pins
2 and 4) should be connected to each other. This ensures that the base-
band signals will reach each mixer with the same DC reference, yielding
the best carrier suppression. Note that the input impedance changes
according to the drive mode (see the mixer equivalent circuit on the previ-
ous page). The single-ended input impedance (as shown in the modulator
application circuit) is 1200
Ω for each of the two inputs. In the balanced
configuration, the input impedance would be 2400
Ω for each of the two
inputs.
The mixers are Gilbert Cell designs with balanced inputs. The equivalent
schematic for one of the mixers is shown on the previous page. The input
impedance of each pin is determined by the 1200
Ω resistor to VCC in par-
allel with a transistor base. Note from the schematic that all four input pins
have an internally set DC bias. For this reason, all four inputs (pins 1
through 4) should be DC blocked. The capacitance values of the blocking
capacitors is determined by the baseband frequency. When driving sin-
gle-endedly, both the series (pins 1 and 3) and shunt (pins 2 and 4) block-
ing capacitors should be low impedances, relative to the input impedance.
DC bias voltages may be supplied to the inputs pins, if required, in order to
increase the amount of carrier suppression. For example, the DC levels on
the reference inputs (pins 2 and 4) may be offset from each other by add-
ing different resistor values to ground. These resistors should be larger
than 2k
Ω. Note from the mixer schematic that all four input pins have an
internally set DC bias. If DC bias is to be supplied, the allowable ranges are
limited. For 5V applications, the DC reference on both I pins or both Q pins
must not go below 2.7VDC, and in no case should the DC voltage on any of
the four pins go below 2.0VDC or above 5.5VDC. IF a DC reference is to be
supplied, the source must also be capable of sinking current. If optimizing
carrier suppression further is not a concern, it is recommended that all
four inputs (pins 1 through 4) be DC blocked.
2I INPUT B
Same as pin 1, except complementary input.
See pin 1.
3Q INPUT A
Same as pin 1, except Q Buffer Amplifier.
See pin 1.
4Q INPUT B
Same as pin 3, except complementary input.
See pin 1.
5BG OUT
Band Gap voltage reference output. This voltage output is held constant
over variations in supply voltage and operating temperature and may be
used as a reference for other external circuitry. This pin should not be
loaded such that the sourced current exceeds 1mA. This pin should be
bypassed with a large (0.1
μF) capacitor.
6I IF OUT
Connecting pins 6 and 7 to each other accomplishes the summing function
of the upconverted I and Q channels. In addition, because these outputs
are open collector type, they must be connected to VCC in order to properly
bias the Gilbert Cell mixers. Maximum gain and output power occur when
the load on these two pins is ~1200
Ω. In most applications the impedance
of the next stage will be lower and a reactive impedance transforming
match should be used if maximum gain and output level are of concern.
For applications where the gain is not as critical, a 1200
Ω resistor may be
added in parallel with a choke inductor. If neither gain nor output level is
critical, the inductor may be replaced with a resistor that sets the desired
source impedance to drive the next stage. If the next stage is an "open" at
DC, the blocking capacitor may be eliminated.
1260
Ω
1260
Ω
INPUT A
VCC
VCC
INPUT B
IF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com