Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2713 Datasheet HTML 1Page - RF Micro Devices RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I INPUT A
I INPUT B
Q INPUT A
Q INPUT B
BG OUT
I IF OUT
Q IF OUT
VCC
LO INPUT
GND
GND
GND
I OUT
Q OUT
QUAD
DIV.
BY 2
RF2713
QUADRATURE MODULATOR/DEMODULATOR
The RF2713 is a monolithic integrated quadrature modulator/demodula-
tor. The demodulator is used to recover the I and Q baseband signals from
the amplified and filtered IF. Likewise, the inputs and outputs can be
reconfigured to modulate I/Q signals onto an RF carrier. The RF2713 is
intended for IF systems where the IF frequency ranges from 100kHz to
250MHz, and the LO frequency is two times the IF. The IC contains all of
the required components to implement the modulation/demodulation
function and contains a digital divider type 90° phase shifter, two double
balanced mixers, and baseband amplifiers designed to interface with Ana-
log to Digital Converters. The unit operates from a single 3V to 6V power
supply.
Features
3V to 6V Operation
Modulation or Demodulation
IF From 100kHz to 250MHz
Baseband From DC to 50MHz
Digital LO Quadrature Divider
Low Power and Small Size
Applications
Digital and Analog Receivers
and Transmitters
High Data Rate Digital Com-
munications
Spread-Spectrum Communi-
cation Systems
Interactive Cable Systems
Portable Battery-Powered
Equipment
RF2713
Quadrature Modulator/Demodulator
RF2713 PCBA-D
Fully Assembled Evaluation Board (Demodulator)
RF2713 PCBA-M
Fully Assembled Evaluation Board (Modulator)
Rev A5 DS061016
RF2713
Quadrature
Modula-
tor/Demodula-
tor
RoHS Compliant & Pb-Free Product
Package Style: SOIC-14


Similar Part No. - RF2713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-D RFMD-RF2713PCBA-D Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-M RFMD-RF2713PCBA-M Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
More results

Similar Description - RF2713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
Quadrature demodulator
1996 Oct 08
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
QUADRATURE MODULATOR/DEMODULATOR
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
QUADRATURE DEMODULATOR
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
logo
RF Micro Devices
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com