Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices RF2713 Datasheet HTML 10Page - RF Micro Devices RF2713 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description (Modulator Configuration)
Interface Schematic
7Q IF OUT
Same as pin 6, except complementary input.
Same as pin 6.
8Q OUT
Pins 8 and 9 are not used in a normal quadrature modulator application,
and are left unconnected. Note, however, that the outputs of each of these
pins are independent upconverted I and Q channels. These signals may be
useful in other applications where independent IF channels are needed.
Also note that these outputs are optimized as baseband outputs for the
demodulator configuration. As a result, the gain rolls-off quickly with
increasing frequency. This gain roll-off will limit the usefulness of these
pins as independent I and Q upconverters. If these outputs are to be used,
please refer to the Demodulator pin descriptions regarding load imped-
ances.
9I OUT
Same as pin 8, except Q Mixer’s Output.
Same as pin 8.
10
GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
11
GND
Same as pin 10.
12
GND
Same as pin 10.
13
LO INPUT
High impedance, single-ended modulator LO input. The LO applied to this
pin is frequency divided by a factor of 2 and becomes the "Carrier". For
modulation, the Carrier is the center of the modulated output spectrum
(except in the case of SSB/SC). The input impedance is determined by an
internal 500
Ω bias resistor to VCC. An external blocking capacitor should
be provided if the pin is connected to a device with DC present. Matching
the input impedance is typically achieved by adding a 51
Ω resistor to
ground on the source side of the AC coupling capacitor. For the LO input,
maximum power transfer is not critical. The internal LO switching circuits
are controlled by the voltage, not power, into the part. In cases where the
LO source does not have enough available voltage, a reactive match (volt-
age transformer) can be used. The LO circuitry consists of a limiting ampli-
fier followed by a digital divider. The limiting amp ensures that the flip-flop
type divider is driven with a square wave over a wide range of input levels.
Because the flip-flop uses the rising and falling edges of the limiter output,
the quadrature accuracy of the Carrier supplied to the mixers is directly
related to the duty cycle, or equivalently to the even harmonic content, of
the input LO signal. In particular, care should be taken to ensure that the
2xLO level input to this pin is at least 20dB below the LO level. Otherwise,
the LO input is not sensitive to the type of input wave form, except for IF fre-
quencies below ~2.5MHz, in which case the LO input should be a square
wave, in order to ensure proper triggering of the flip-flops. IF frequencies
below 100kHz are attainable if the LO is a square wave and sufficiently
large DC blocking capacitors are used.
14
VCC
Voltage supply for the entire device. This pin should be well bypassed at all
frequencies (IF, LO, Carrier, Baseband) that are present in the part.
I/Q OUT
2 k
Ω
VCC
500
Ω
500
Ω
LO IN
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com