Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 27 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 27 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
27 / 32
Copyright © 2022, Injoinic Corp.
14 应用原理图
14.1
LED 灯方案应用原理图
CSN1
NTC
FCAP
KEY
L1 4.7
μH
AGND GND
EPAD
D4
100%
D3
75%
D2
50%
D1
25%
33
31
30
37
14
CSP1
VIO
12
13
CP6/7/8 3*22
μF
RNTC 10k
Ω B=3380
R6 10k
Ω
VIN
6
CP4
10
μF
USB-A2
VOUT1
GND
DMA1
DPA1
VOUT1
44
43
42
DMA1
DPA1
CP5
10
μF
USB-A1
VOUT2
GND
DMA2
DPA2
VOUT2
48
47
46
DMA2
DPA2
USB-C
VBUS
CC1
CC2
GND
DMC
DPC
CP3
10
μF
VBUS_I
DMC
DPC
10
8
40
39
CC1
CC2
41
38
VCCIO
VCC5V
29
C5
2.2
μF
C6
2.2
μF
HLED
36
32
USB1
USB2
USB3
K1
D6
VBUS
VING
7
VBUSG
9
VOUT1G
45
VOUT2G
1
PCIN
15
R4 0.005
Ω
R8 100
Ω
34
LED3
4
LED2
R12 100
Ω
5
LED1
R13 100
Ω
CSN2
25
CP11/12 2*22
μF
CSP2
BAT
27
26
23
PCON
24
R5 0.005
Ω
21
Battery
AGND
11
C1
100nF
C2
100nF
C3
1
μF
C4
1
μF
FSEL
35
LT
VCCIO
D5
R22
2
Ω
C9
2.2nF
Q1
Q2
Q3
Q4
CC3
3
固态 CP10 100
μF
固态 CP15 100
μF
HG2
LX2
22
20
BST2
LG2
16
18
HG1
LX1
17
19
BST1
LG1
R21
2
Ω
C8
2.2nF
49
IP5386
R23 20
Ω
Lightning
VIN
CC3
GND
DAT1
LT
USB4
2
32
R24 3k
Ω
R25 510
Ω
R26 10
Ω
R27 10
Ω
C7 100nF
T1
T2
R14
27kΩ
R16
9.1kΩ
CP1
10
μF
Q5
R21 10k
Ω
R17 9.1k
Ω
Q6
R18
27kΩ
R16
最大输入功率
最大输出功率
18kΩ
20W
20W
13kΩ
20W
30W
9.1kΩ
30W
30W
6.2kΩ
30W
45W
3.6kΩ
45W
45W
R18
27kΩ
18kΩ
13kΩ
9.1kΩ
6.2kΩ
3.6kΩ
R17
9.1kΩ
6.2kΩ
3.6kΩ
R21
5kΩ
10kΩ
15kΩ
20kΩ
25kΩ
30kΩ
R14
27kΩ
18kΩ
13kΩ
9.1kΩ
6.2kΩ
3.6kΩ
NTC六档
NTC_MODE
NTC一档
NTC二档
NTC三档
NTC四档
NTC五档
4.2V
对应设定的电芯串数
2串
3串
4串
对应设定的电芯容量
5000mAH
25000mAH
4.3V
4.35V
4.4V
4.15V
3.65V 支持磷酸铁锂电池
10000mAH
15000mAH
20000mAH
30000mAH
对应电池类型
C11
4.7nF
C10
4.7nF
C12
4.7nF
C13
4.7nF
图
22
IP5386 LED 应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com