Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
6 / 32
Copyright © 2022, Injoinic Corp.
6 IP 系列型号选择表
6.1 移动电源芯片
芯片
型号
充放电
主要特点
封装
放电
充电
LED
灯数
照明
灯
按
键
I2C
DCP
USB
C
QC
认证
PD3.0
/PPS
规格
兼容
IP5303T
1.0A
1.2A 1,2
√
√
-
-
-
-
-
ESOP8
PIN2
PIN
IP5305T
1.0A
1.2A 1,2,3,4
√
√
-
-
-
-
-
ESOP8
IP5306
2.4A
2.1A 1,2,3,4
√
√
√
-
-
-
-
ESOP8
IP5306H
2.4A
2.1A 1,2,3,4
√
√
√
-
-
-
-
ESOP8
IP5407
2.4A
2.1A 1,2,4
√
√
-
-
-
-
-
ESOP8
IP5209
2.4A
2.1A 3,4,5
√
√
√
√
-
-
-
QFN24
PIN2
PIN
IP5209U
2.4A
2.1A 3,4,5
√
√
√
√
-
-
-
QFN24
IP5189T
2.1A
2.1A 1,2,3,4
√
√
√
√
-
-
-
QFN24
PIN2
PIN
IP5189TH
2.1A
2.1A 1,2,3,4
√
√
√
√
-
-
-
QFN24
IP5310
3.1A
3.0A 1,2,3,4
√
√
√
√
√
-
-
QFN32
IP5506
2.4A
2.1A 数码管
√
√
-
-
-
-
-
ESOP16
IP5508
2.4A
2.1A 数码管
√
√
-
√
-
-
-
QFN32
IP5320
3.1A
3.0A 数码管
√
√
√
√
√
-
-
QFN28
IP5566
3.1A
3.0A 1,2,3,4
√
√
-
√
√
-
-
QFN40
IP5322P
18W
4.0A 1,2,3,4
√
√
√
√
-
√
-
QFN32
IP5332
18W
4.0A 1,2,3,4
√
√
√
√
√
√
√
QFN32
IP5328P
18W
4.0A 1,2,3,4
√
√
√
√
√
√
√
QFN40
IP5356
22.5W 5.0A 数码管
√
√
-
√
√
√
√
QFN40
IP5353
22.5W 5.0A 4
√
√
√
√
√
√
√
QFN32
IP5358
22.5W 5.0A 数码管
√
√
-
√
√
√
√
QFN48
IP5568
22.5W 5.0A 数码管
√
√
-
√
√
√
√
QFN64
IP5388
30W
5.0A 数码管
√
√
-
√
√
√
√
QFN64
IP5389
100W
8.0A 数码管
√
√
-
√
√
√
√
QFN64
IP5386
45W
8.0A 数码管
√
√
-
√
√
√
√
QFN48
6.2
IP5386 常见型号说明
型号
功能说明
IP5386_LED_BZ
支持
2-4 节电池,最大功率支持 45W,支持 4、2、1 灯
IP5386_188_BZ_30W2S 支持 2 节电池,支持功率 30W,支持 188 数码管



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com