Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 28 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 28 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
28 / 32
Copyright © 2022, Injoinic Corp.
14.2 数码管方案应用原理图
CSN1
NTC
FSEL
KEY
L1 4.7
μH
AGND GND
EPAD
35
31
30
37
14
CSP1
VIO
12
13
CP6/7/8 3*22
μF
RNTC 10k
Ω B=3380
R6 10k
Ω
VIN
6
CP4
10
μF
USB-A2
VOUT1
GND
DMA1
DPA1
VOUT1
44
43
42
DMA1
DPA1
CP5
10
μF
USB-A1
VOUT2
GND
DMA2
DPA2
VOUT2
48
47
46
DMA2
DPA2
USB-C
VBUS
CC1
CC2
GND
DMC
DPC
CP3
10
μF
VBUS_I
DMC
DPC
10
8
40
39
CC1
CC2
41
38
VCCIO
VCC5V
29
C5
2.2
μF
C6
2.2
μF
HLED
36
32
USB1
USB2
USB3
K1
D6
VBUS
VING
7
VBUSG
9
VOUT1G
45
VOUT2G
1
PCIN
15
R4 0.005
Ω
34
LED3
4
LED2
5
LED1
CSN2
25
CP11/12 2*22
μF
CSP2
BAT
27
26
23
PCON
24
R5 0.005
Ω
21
Battery
AGND
11
C1
100nF
C2
100nF
C3
1
μF
C4
1
μF
FCAP
33
LT
VCCIO
R22
2
Ω
C9
2.2nF
Q1
Q2
Q3
Q4
CC3
3
固态 CP10 100
μF
固态 CP15 100
μF
HG2
LX2
22
20
BST2
LG2
16
18
HG1
LX1
17
19
BST1
LG1
R21
2
Ω
C8
2.2nF
49
IP5386
R23 20
Ω
Lightning
VIN
CC3
GND
DAT1
LT
USB4
2
32
R24 3k
Ω
R25 510
Ω
R26 10
Ω
R27 10
Ω
C7 100nF
T1
T2
CP1
10
μF
R21 10k
Ω
C11
4.7nF
C10
4.7nF
C12
4.7nF
C13
4.7nF
R12 100
Ω
R13 100
Ω
R15 100
Ω
R19 100
Ω
R20 100
Ω
SMG1
R21
5kΩ
10kΩ
15kΩ
20kΩ
25kΩ
30kΩ
30000mAH
对应设定的电芯容量
5000mAH
25000mAH
10000mAH
15000mAH
20000mAH
数码管
23
IP5386 数码管应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com