Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-2HT Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # SL23EP08SC-2HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2HT Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button SL23EP08SC-2HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 14Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Rev 1.4, May 28, 2007
Page 10 of 18
SL23EP08
Fout=133MHz and CL=30PF
-
175
350
ps
(-1H, -2H and -4
Versions)
Fout=166MHz and CL=15pF
-
100
175
ps
PLL Lock Time
tLOCK
From 0.95VDD and valid CLKIN
-
-
1.0
ms
Operating Conditions (C-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Operating Temperature
TA
Ambient Temperature
0
-
70
°C
Input Capacitance
VIH
Pins 1, 8, 9 and 16
-
5
7
pF
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN, S2 and S1 pins
–
–
0.7
V
Input HIGH Voltage
VINH
CLKIN, S2 and S1 pins
1.7
–
VDD+0.3
V
0 < VIN < 0.7V
CLKIN, S2 and S1 inputs
–25
50
Input LOW Current
IINL
µA
VIN = 1.7 to VDD
CLKIN, S2 and S1 inputs
––
50
Input HIGH Current
IINH
µA
IOL = 6 mA (standard drive)
–
–
0.3
V
Output LOW Voltage
VOL
IOL = 8 mA (high drive)
–
–
0.3
V
IOH = – 6 mA (standard drive)
2.0
–
–
V
Output HIGH Voltage
VOH
IOH = – 8 mA (high drive)
2.0
–
–
V
Power Down Supply
Current
IIDDPD
Measured at CLKIN= GND to VDD or
input is floating
–8
12
µA
All Outputs CL=0, 33.3 MHz CLKIN
S2=S1=1 (high), all versions
–15
18
Power Supply Current
IDD1
mA
All Outputs CL=0, 66.6 MHz CLKIN
S2=S1=1 (high), all versions
–20
25
Power Supply Current
IDD2
mA
All Outputs CL=0, 100 MHz CLKIN
S2=S1=1 (high), all versions
–26
33
Power Supply Current
IDD3
mA
All Outputs CL=0, 133.3 MHz CLKIN
S2=S1=1 (high), all versions
–32
40
Power Supply Current
IDD4
mA
Pins-1/2/3/7/8/9/10/11/14/15
250k -typ
125
250
375
Pull-up and Pull-down
Resistors
RPUD
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com