Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-2HT Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # SL23EP08SC-2HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2HT Datasheet(HTML) 4 Page - SpectraLinear Inc

  SL23EP08SC-2HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev 1.4, May 28, 2007
Page 4 of 18
SL23EP08
Figure 1. CLKIN Input to CLKA and CLKB Delay
S2
S1
Clock A1-A4
Clock B1-B4
Output Source
PLL Shutdown
and Bypass
0
0
Tri-state
Tri-state
PLL
Yes
0
1
Driven
Tri-state
PLL
No
1
0
Driven
Driven
Reference(CLKIN)
Yes
1
1
Driven
Driven
PLL
No
Table 2. Select Input Decoding
Device
Feedback From
Bank-A Frequency
Bank-B Frequency
SL23EP08-1 and 1H
Bank-A or Bank-B
Reference
Reference
SL23EP08-2 and -2H
[1]
Bank-A
Reference
Reference/2
SL23EP08-2 and -2H
[1]
Bank-B
2x Reference
Reference
SL23EP08-3
[1]
Bank-A
2xReference
Reference
[2]
SL23EP08-3
[1]
Bank-B
4xReference
2xReference
SL23EP08-4
Bank-A or Bank-B
2x Reference
2x Reference
SL23EP08-5H
Bank-A or Bank-B
Reference/2
Reference/2
Table 3. Available SL23EP08 Configurations
Notes:
1. Outputs are inverted on SL23EP08-2, -2H and -3 in PLL bypass mode when S2=1 and S1=0. Use SL23EP08-1 if
non-inverting outputs are required.
2. Output phase is random (0° or 180° with respect to input clock). Use SL23EP08-2 if phase integrity is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com