Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-2HT Datasheet(PDF) 18 Page - SpectraLinear Inc

Part # SL23EP08SC-2HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2HT Datasheet(HTML) 18 Page - SpectraLinear Inc

Back Button SL23EP08SC-2HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 14Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 15Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 16Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 17Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 18Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Rev 1.4, May 28, 2007
Page 18 of 18
SL23EP08
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL23EP08SC-1
SL23EP08SC-1
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-1T
SL23EP08SC-1
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-1
SL23EP08SI-1
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-1T
SL23EP08SI-1
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-1H
SL23EP08SC-1H
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-1HT
SL23EP08SC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-1H
SL23EP08SI-1H
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-1HT
SL23EP08SI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08ZC-1H
SL23EP08ZC-1H
Tube
16-pin TSSOP
0 to 70°C
SL23EP08ZC-1HT
SL23EP08ZC-1H
Tape and Reel
16-pin TSSOP
0 to 70°C
SL23EP08ZI-1H
SL23EP08ZI-1H
Tube
16-pin TSSOP
-40 to 85°C
SL23EP08ZI-1HT
SL23EP08ZI-1H
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL23EP08SC-2
SL23EP08SC-2
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-2T
SL23EP08SC-2
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-2
SL23EP08SI-2
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-2T
SL23EP08SI-2
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-2H
SL23EP08SC-2H
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-2HT
SL23EP08SC-2H
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SC-4
SL23EP08SC-4
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-4T
SL23EP08SC-4
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-4
SL23EP08SI-4
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-4T
SL23EP08SI-4
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-5H
SL23EP08SC-5H
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-5HT
SL23EP08SC-5H
Tube
16-pin SOIC
0 to 70°C
Notes:
3. The SL23EP08 products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use
of any circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product
is intended for use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical
instruments, or any other application requiring extended temperature range, high reliability, or any other extraordinary environmental
requirements unless pursuant to additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra
Linear Inc. Spectra Linear Inc. reserves the right to change any circuitry or specification without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com