Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-2HT Datasheet(PDF) 12 Page - SpectraLinear Inc

Part # SL23EP08SC-2HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2HT Datasheet(HTML) 12 Page - SpectraLinear Inc

Back Button SL23EP08SC-2HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 14Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 15Page - SpectraLinear Inc SL23EP08SC-2HT Datasheet HTML 16Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Rev 1.4, May 28, 2007
Page 12 of 18
SL23EP08
Fout=66 MHz and CL=15pF
-
75
150
ps
Cycle-to-Cycle Jitter
(-1, -2 and -4 Versions)
CCJ1
Fout=133MHz and CL=15pF
-
50
100
ps
Fout=66MHz and CL=15pF
-
100
200
ps
Cycle-to-Cycle Jitter
(-1H and -2H Versions)
CCJ2
Fout=166MHz and CL=15pF
-
75
150
ps
PLL Lock Time
tLOCK
From 0.95VDD and valid clock
presented at CLKIN
-
-
1.0
ms
Operating Conditions (I-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Operating Temperature
TA
Ambient Temperature
-40
-
85
°C
Input Capacitance
VIH
Pins 1, 8, 9 and 16
-
5
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com