Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD2981
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics LD2981 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin configuration
LD2981
6/27
DocID6279 Rev 17
2
Pin configuration
Figure 2: Pin connections (top view)
Table 1: Pin description
Pin n°
SOT23-5L
Pin n°
SOT-89
Symbol
Name and function
1
3
VIN
Input port
2
2
GND
Ground pin
3
INHIBIT
Control switch ON/OFF. Inhibit is not internally pulled-up; it
cannot be left floating. Disable the device when connected to
GND or to a positive voltage less than 0.18 V
4
NC
Not connected
5
1
VOUT
Output port
Table 2: Thermal data
Symbol
Parameter
SOT23-5L
SOT-89
Unit
RthJC
Thermal resistance junction-case
81
15
°C/W
RthJA
Thermal resistance junction-ambient
255
110
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com