Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LD2981
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 13Page - STMicroelectronics LD2981 Datasheet HTML 14Page - STMicroelectronics LD2981 Datasheet HTML 15Page - STMicroelectronics LD2981 Datasheet HTML 16Page - STMicroelectronics LD2981 Datasheet HTML 17Page - STMicroelectronics LD2981 Datasheet HTML 18Page - STMicroelectronics LD2981 Datasheet HTML 19Page - STMicroelectronics LD2981 Datasheet HTML 20Page - STMicroelectronics LD2981 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LD2981
Application notes
DocID6279 Rev 17
17/27
7.6
Reverse current
The power transistor used in the LD2981 has not an inherent diode connected between the
regulator input and output. If the output is forced above the input, no current will flow from
the output to the input across the series pass transistor. When a VREV voltage is applied on
the output, the reverse current measured, according to the test circuit in Figure 22:
"Reverse current test circuit", flows to the GND across the two feedback resistors. This
current typical value is 160 μA. R1 and R2 resistors are implanted type; typical values are,
respectively, 42.6 kΩ and 51.150 kΩ.
Figure 22: Reverse current test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com