Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD2981
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics LD2981 Datasheet HTML 10Page - STMicroelectronics LD2981 Datasheet HTML 11Page - STMicroelectronics LD2981 Datasheet HTML 12Page - STMicroelectronics LD2981 Datasheet HTML 13Page - STMicroelectronics LD2981 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical characteristics
LD2981
10/27
DocID6279 Rev 17
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SVR
Supply voltage
rejection
CO = 10 µF, f = 1 KHz
63
dB
VINH
Inhibit input logic
low
LOW = Output OFF,
TJ = -40 to 125 °C
0.18
V
VINL
Inhibit input logic
high
HIGH = Output ON,
TJ = -40 to 125 °C
1.6
V
IINH
Inhibit input
current
VINH = 0 V, TJ = -40 to 125 °C
0
-1
µA
VINH = 5 V, TJ = -40 to 125 °C
5
15
eN
Output noise
voltage
BW = 300 Hz to 50 KHz, CO = 10 µF
160
µVRMS
TSHDN
Thermal
shutdown
170
°C
Notes:
(1) For VO < 2.5 V dropout voltage can be calculated according to the minimum input voltage in full temperature
range.
(TJ = 25 °C, VI = VO(NOM) +1 V, CI
= 1 μF, CO = 2.2 μF, IO = 1 mA, VINH = 2 V, unless
otherwise specified)
Table 5: Electrical characteristics for LD2981C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOP
Operating input
voltage
2.5
16
V
VO
Output voltage
IO = 1 mA
2.468
2.5
2.531
V
IO = 1 to 100 mA
2.45
2.55
IO = 1 to 100 mA, TJ = -40 to 125 °C
2.412
2.587
VO
Output voltage
IO = 1 mA
2.962
3
3.037
V
IO = 1 to 100 mA
2.94
3.06
IO = 1 to 100 mA, TJ = -40 to 125 °C
2.895
3.105
VO
Output voltage
IO = 1 mA
3.258
3.3
3.341
V
IO = 1 to 100 mA
3.234
3.366
IO = 1 to 100 mA, TJ = -40 to 125 °C
3.184
3.415
VO
Output voltage
IO = 1 mA
4.937
5
5.062
V
IO = 1 to 100 mA
4.9
5.1
IO = 1 to 100 mA, TJ = -40 to 125 °C
4.825
5.175
ΔVO
Line regulation
VO(NOM) + 1 < VIN < 16 V, IO = 1 mA
0.003
0.014
%/V
TJ = -40 to 125 °C
0.032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com