Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD2981
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 12Page - STMicroelectronics LD2981 Datasheet HTML 13Page - STMicroelectronics LD2981 Datasheet HTML 14Page - STMicroelectronics LD2981 Datasheet HTML 15Page - STMicroelectronics LD2981 Datasheet HTML 16Page - STMicroelectronics LD2981 Datasheet HTML 17Page - STMicroelectronics LD2981 Datasheet HTML 18Page - STMicroelectronics LD2981 Datasheet HTML 19Page - STMicroelectronics LD2981 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application notes
LD2981
16/27
DocID6279 Rev 17
7
Application notes
7.1
External capacitors
Like any low-dropout regulator, the LD2981 requires external capacitors for regulator
stability. This capacitor must be selected to meet the requirements of minimum capacitance
and equivalent series resistance. We suggest to solder input and output capacitors as
close as possible to the relative pins.
7.2
Input capacitor
An input capacitor whose valu
e is 1 μF is required with the LD2981 (amount of capacitance
can be increased without limit). This capacitor must be located a distance of not more than
0.5" from the input pin of the device and returned to a clean analog ground. Any good
quality ceramic, tantalum or film capacitors can be used for this capacitor.
7.3
Output capacitor
The LD2981 is designed specifically to work with ceramic output capacitors. It may also be
possible to use Tantalum capacitors, but these are not as attractive for reasons of size and
cost. By the way, the output capacitor must meet both the requirement for minimum
amount of capacitance and ESR (equivalent series resistance) value. The Figure 18: "Best
case: highest output version" and Figure 19: "Worst case: lowest output version" show the
allowable ESR range as a function of the output capacitance. These curves represent the
stability region over the full temperature and IO range. Due to the different loop gain, the
stability improves for higher output versions and so the suggested minimum output
capacitor value, if low ESR ceramic type is used, is 1 μF for output voltages equal or major
than 3.8 V, 2.2 μF for output voltages from 2.85 to 3.3 V, and 3.3 μF for the other versions.
However, if an output capacitor lower than the suggested one is used, it’s possible to make
stable the regulator adding a resistor in series to the capacitor (see Figure 18: "Best case:
highest output version" and Figure 19: "Worst case: lowest output version" to choose the
right value according to the used version and keeping in account that the ESR of ceramic
capacitors has been measured @ 100 kHz).
7.4
Important
The output capacitor must maintain its ESR in the stable region over the full operating
temperature to assure stability. Also, capacitor tolerance and variation with temperature
must be considered to assure the minimum amount of capacitance is provided at all times.
This capacitor should be located not more than 0.5" from the output pin of the device and
returned to a clean analog ground.
7.5
Inhibit input operation
The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically
reducing the current consu
mption down to less than 1 μA. When the inhibit feature is not
used, this pin must be tied to VI to keep the regulator output ON at all times. To assure
proper operation, the signal source used to drive the inhibit pin must be able to swing
above and below the specified thresholds listed in the electrical characteristics section
under VIH VIL. Any slew rate can be used to drive the inhibit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com