Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4875 Datasheet HTML 1Page - National Semiconductor (TI) LM4875 Datasheet HTML 2Page - National Semiconductor (TI) LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Connection Diagrams
30 Bump ITL Package
micro SMD Marking
200797A9
Top View
(Bump-side down)
Order Number LM4857ITL
See NS Package Number TLA30CZA
200797I3
Top View
X — Date Code
T — Die Traceability
G — Boomer Family
C2 — LM4857ITL
Pin Connection (ITL)
Pin
Name
Pin Description
A1
RLS+
Right Loudspeaker Positive Output
A2
V
DD
Power Supply
A3
SDA
Data
A4
RHP3D
Right Headphone 3D
A5
RHP
Right Headphone Output
B1
GND
Ground
B2
I
2CV
DD
I
2C Interface Power Supply
B3
ADR
I
2C Address Select
B4
LHP3D
Left Headphone 3D
B5
V
DD
Power Supply
C1
RLS-
Right Loudspeaker Negative Output
C2
NC
No Connect
C3
SCL
Clock
C4
LINEOUT
Mono Line Output
C5
GND
Ground
D1
LLS-
Left Loudspeaker Negative Output
D2
V
DD
Power Supply
D3
M
IN
Mono Input
D4
NC
No Connect
D5
EP+
Mono Earpiece Positive Output
E1
GND
Ground
E2
BYPASS
Half-supply bypass
E3
LLS3D
Left Loudspeaker 3D
E4
R
IN
Right Stereo Input
E5
EP-
Mono Earpiece Negative Output
F1
LLS+
Left Loudspeaker Positive Output
F2
V
DD
Power Supply
F3
RLS3D
Right Loudspeaker 3D
F4
L
IN
Left Stereo Input
F5
LHP
Left Headphone Output
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com