Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4875 Datasheet HTML 2Page - National Semiconductor (TI) LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) LM4875 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD
+0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
J)
150˚C
Thermal Resistance
θ
JA (TLA30CZA) (Note 10)
62˚C/W
θ
JA (SPA28A) (Note 12)
42˚C/W
θ
JC (SPA28A)
3˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
2.5V
≤ I2CV
DD
≤ 5.5V
Audio Amplifier Electrical Characteristics V
DD = 5.0V (Notes 1, 2)
The following specifications apply for V
DD = 5.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
I
DD
Supply Current
V
IN = 0V, No load;
LD5 = RD5 = 0 (Note 9)
Mode 1, 6, 11
6
9.5
mA (max)
Mode 4, 5, 9, 10, 14, 15
5
8
mA (max)
Mode 2, 3, 7, 8, 12, 13
13
21
mA (max)
I
SD
Shutdown Current
Output mode 0 (Note 9)
0.2
3
µA (max)
LM4857SP
Speaker; THD+N = 1%;
f = 1kHz; 4
Ω BTL
1.6
W
P
O
Output Power
Speaker; THD+N = 1%;
f = 1kHz; 8
Ω BTL
1.2
0.9
W (min)
Headphone; THD+N = 1%;
f = 1kHz; 32
Ω SE
75
60
mW (min)
Earpiece; THD+N = 1%;
f = 1kHz; 32
Ω BTL, CD4 = 0
100
80
mW (min)
Earpiece; THD+N = 1%;
f = 1kHz; 32
Ω BTL, CD4 = 1
135
mW
THD+N
Total Harmonic Distortion Plus
Noise
LD5=RD5=0
Speaker; P
O= 400mW;
f = 1kHz; 8
Ω BTL
0.05
%
Headphone; P
O= 15mW;
f = 1kHz; 32
Ω SE
0.04
%
Earpiece; P
O= 15mW;
f = 1kHz; 32
Ω BTL, CD4 = 0
0.05
%
Line Out, V
O=1VRMS;
f = 1kHz; 5k
Ω SE
0.009
%
V
OS
Offset Voltage
Speaker; LD5 = RD5 = 0
5
40
mV (max)
Earpiece; LD5 = RD5 = 0
5
30
mV (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com