Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) LM4875 Datasheet HTML 10Page - National Semiconductor (TI) LM4875 Datasheet HTML 11Page - National Semiconductor (TI) LM4875 Datasheet HTML 12Page - National Semiconductor (TI) LM4875 Datasheet HTML 13Page - National Semiconductor (TI) LM4875 Datasheet HTML 14Page - National Semiconductor (TI) LM4875 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
External Components Description
Components
Functional Description
1.
C
IN
This is the input coupling capacitor. It blocks the DC voltage and couples the input signal to the
amplifier’s input terminals. C
IN also creates a highpass filter with the internal resistor Ri (Input
Impedance) at f
c = 1/(2
πR
iCIN).
2.
C
S
This is the supply bypass capacitor. It filters the supply voltage applied to the V
DD pin and helps
reduce the noise at the V
DD pin.
3.
C
B
This is the BYPASS pin capacitor. It filters the V
DD / 2 voltage and helps maintain the LM4857’s
PSRR.
4.
C
OUT
This is the output coupling capacitor. It blocks the DC voltage and couples the output signal to the
speaker load R
L.COUT also creates a high pass filter with RL at fO = 1/(2
πR
LCOUT).
5.
R
3D
This resistor sets the gain of the National 3D effect. Please refer to the National 3D Enhancement
section for information on selecting the value of R
3D.
6.
C
3D
This capacitor sets the frequency at which the National 3D effect starts to occur. Please refer to the
National 3D Enhancement section for information on selecting the value of C
3D.
Typical Performance Characteristics (Note 11)
LM4857SP THD+N vs Frequency
LM4857SP THD+N vs Frequency
20079755
V
DD = 5V; LLS, RLS; PO = 400mW;
R
L =4
Ω; Mode 7; 0dB Gain
20079756
V
DD = 3V; LLS, RLS; PO = 200mW;
R
L =4
Ω; Mode 7; 0dB Gain
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com