Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) LM4875 Datasheet HTML 10Page - National Semiconductor (TI) LM4875 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Audio Amplifier Electrical Characteristics V
DD = 5.0V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 5.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
N
OUT
Output Noise
A-weighted, 0dB gain; (Note 11)
LD5 = RD5 = 0; Audio Inputs Terminated
Speaker; Mode 2, 3, 7, 8
27
µV
Speaker; Mode 12, 13
38
µV
Headphone; Mode 3, 4, 8, 9
10
µV
Headphone; Mode 13, 14
14
µV
Earpiece; Mode 1; CD4 = 0
13
µV
Earpiece; Mode 6
18
µV
Earpiece; Mode 11
21
µV
Line Out; Mode 5
11
µV
Line Out; Mode 10
14
µV
Line Out; Mode 15
17
µV
PSRR
Power Supply Rejection Ratio
f = 217Hz; V
rip = 200mVpp;CB = 2.2µF;
0dB gain; (Note 11)
LD5 = RD5 = 0; Audio Inputs Terminated
Speaker; Mode 2, 3, 7, 8
70
dB
Speaker; Mode 12, 13,
64
54
dB (min)
Headphone; Mode 3, 4, 8, 9
86
dB
Headphone; Mode 13, 14
73
60
dB (min)
Earpiece; Mode1
75
dB
Earpiece; Mode 6
70
dB
Earpiece; Mode 11
66
57
dB (min)
Line Out; Mode 5
86
dB
Line Out; Mode 10
74
dB
Line Out; Mode 15
68
57
dB (min)
Xtalk
Crosstalk
LD5=RD5=0
Loudspeaker; P
O= 400mW;
f = 1kHz
85
dB
Headphone; P
O= 15mW;
f = 1kHz
85
dB
T
WU
Wake-up Time
CD5=0;C
B = 2.2µF
120
ms
CD5=1;C
B = 2.2µF
230
ms
Audio Amplifier Electrical Characteristics V
DD = 3.0V (Notes 1, 2)
The following specifications apply for V
DD = 3.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
I
DD
Supply Current
V
IN = 0V, No load;
LD5 = RD5 = 0 (Note 9)
Mode 1, 6, 11
5.5
9
mA (max)
Mode 4, 5, 9, 10, 14, 15
4.5
7.5
mA (max)
Mode 2, 3, 7, 8, 12, 13
11.2
19
mA (max)
I
SD
Shutdown Current
Mode 0 (Note 9)
0.06
2.5
µA (max)
P
O
Output Power
LM4857SP
Speaker; THD+N = 1%;
f = 1kHz; 4
Ω BTL
530
mW
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com