Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972AD Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4972AD
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972AD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4972AD Datasheet HTML 10Page - STMicroelectronics L4972AD Datasheet HTML 11Page - STMicroelectronics L4972AD Datasheet HTML 12Page - STMicroelectronics L4972AD Datasheet HTML 13Page - STMicroelectronics L4972AD Datasheet HTML 14Page - STMicroelectronics L4972AD Datasheet HTML 15Page - STMicroelectronics L4972AD Datasheet HTML 16Page - STMicroelectronics L4972AD Datasheet HTML 17Page - STMicroelectronics L4972AD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Figure 10 : Quiescent Drain Current vs. Duty Cy-
cle.
Figure 11 : Reference Voltage (pin 13) vs. Vi
(see fig. 7).
Figure 12 : Reference Voltage (pin 13) vs. Junc-
tion Temperature (see fig. 7).
Figure 13 : ReferenceVoltage (pin 14) vs. Vi
(see fig. 7).
Figure 14 : Reference Voltage (pin 14) vs. Junc-
tion Temperature (see fig. 7).
Figure 15 : Reference Voltage 5.1V (pin 13) Sup-
ply Voltage Ripple Rejection vs. Fre-
SVR
(dB)
L4972A-L4972AD
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com