Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4972AD
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972AD Datasheet(HTML) 1 Page - STMicroelectronics

  L4972AD Datasheet HTML 1Page - STMicroelectronics L4972AD Datasheet HTML 2Page - STMicroelectronics L4972AD Datasheet HTML 3Page - STMicroelectronics L4972AD Datasheet HTML 4Page - STMicroelectronics L4972AD Datasheet HTML 5Page - STMicroelectronics L4972AD Datasheet HTML 6Page - STMicroelectronics L4972AD Datasheet HTML 7Page - STMicroelectronics L4972AD Datasheet HTML 8Page - STMicroelectronics L4972AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
L4972A
L4972AD
June 2000
2A SWITCHING REGULATOR
®
.
2A OUTPUT CURRENT
.
5.1V TO 40V OUTPUT VOLTAGE RANGE
.
0 TO 90% DUTY CYCLE RANGE
.
INTERNAL FEED-FORWARD LINE REG.
.
INTERNAL CURRENT LIMITING
.
PRECISE 5.1V
± 2% ON CHIP REFERENCE
.
RESET AND POWER FAIL FUNCTIONS
.
INPUT/OUTPUT SYNC PIN
.
UNDER VOLTAGE LOCK OUT WITH HYS-
TERETIC TURN-ON
.
PWM LATCH FOR SINGLE PULSE PER PE-
RIOD
.
VERY HIGH EFFICIENCY
.
SWITCHING FREQUENCY UP TO 200KHz
.
THERMAL SHUTDOWN
.
CONTINUOUS MODE OPERATION
DESCRIPTION
The L4972Ais a stepdownmonolithicpower switch-
ing regulator delivering 2A at a voltagevariable from
5.1 to 40V.
Realized with BCD mixed technology, the device
uses a DMOS output transistor to obtain very high
efficiency and very fast switching times. Features of
BLOCK DIAGRAM
POW ERDIP
(16 + 2 + 2)
the L4972A include reset and power fail for micro-
processors, feed forward line regulation, soft start,
limiting current and thermal protection. The device
is mountedin a Powerdip16 + 2 + 2 and SO20 large
plastic packages and requires few external compo-
nents. Efficient operation at switching frequencies
up to 200KHz allows reduction in the size and cost
of external filter component.
ORDERING NUMBERS : L4972A (Powerdip)
L4972AD (SO20)
1/23
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
SO20
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - L4972AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4972AD STMICROELECTRONICS-L4972AD Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
L4972AD013TR STMICROELECTRONICS-L4972AD013TR Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
More results

Similar Description - L4972AD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
30V, 2A Rectifier
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
50V, 2A Rectifier
SB20-18 SANYO-SB20-18 Datasheet
81Kb / 3P
80V, 2A Rectifier
logo
Leshan Radio Company
RL201 LRC-RL201 Datasheet
51Kb / 2P
2A GENERAL DIODES
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
logo
Unisonic Technologies
UCR2PM UTC-UCR2PM Datasheet
169Kb / 3P
2A TRIAC
logo
JIEJIE MICROELECTRONICS...
ACJT2 JIEJIE-ACJT2 Datasheet
558Kb / 7P
2A TRIACs
logo
Shenzhenshi YONGFUKANG ...
CS5256E YONGFUKANG-CS5256E Datasheet
2Mb / 8P
2A IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com