Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972AD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4972AD
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972AD Datasheet(HTML) 4 Page - STMicroelectronics

  L4972AD Datasheet HTML 1Page - STMicroelectronics L4972AD Datasheet HTML 2Page - STMicroelectronics L4972AD Datasheet HTML 3Page - STMicroelectronics L4972AD Datasheet HTML 4Page - STMicroelectronics L4972AD Datasheet HTML 5Page - STMicroelectronics L4972AD Datasheet HTML 6Page - STMicroelectronics L4972AD Datasheet HTML 7Page - STMicroelectronics L4972AD Datasheet HTML 8Page - STMicroelectronics L4972AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
The L4972A is a 2A monolithic stepdown switching
regulatorworking in continuousmode realized inthe
new BCD Technology. This technology allows the
integration of isolated vertical DMOS power transis-
tors plus mixed CMOS/Bipolar transistors.
The device can deliver 2A at an output voltage ad-
justable from 5.1V to 40V and contains diagnostic
and control functions that make it particularly suit-
able for microprocessor based systems.
BLOCK DIAGRAM
The block diagram shows the DMOS power tran-
sistors and the PWM control loop. Integrated func-
tions include a reference voltage trimmed to 5.1V
± 2%,soft start, undervoltagelockout, oscillatorwith
feedforward control, pulse by pulse current limit,
thermal shutdown and finally the reset and power
fail circuit. The reset and power fail circuit provides
an output signal for a microprocessor indicating the
status of the system.
Device turn on is around 11V with a typical 1V hys-
terysis, this threshold porvides a correct voltage for
the driving stage of the DMOS gate and the hyste-
rysis prevents instabilities.
An externalbootstrapcapacitor chargeto 12V by an
internal voltage reference is needed to provide cor-
rect gate drive to the power DMOS. The driving cir-
cuit is able to source and sink peak currents of
around 0.5A to the gate of the DMOS transistor. A
typical switching time of the current in the DMOS
transistor is 50ns. Due to the fast commutation
switching frequencies up to 200kHz are possible.
The PWM control loop consists of a sawtooth oscil-
lator, error amplifier, comparator, latch and the out-
put stage. An error signal is producedby comparing
theoutputvoltagewiththe precise5.1V
± 2%onchip
reference. This error signal is then compared with
the sawtooth oscillator in order to generate frixed
frequency pulse width modulated drive for the out-
put stage. A PWM latch is included to eliminate
multiple pulsing within a period even in noisy envi-
ronments.
The gain and stability of the loop can be adjustedby
an external RC network connected to the output of
the error amplifier. A voltage feedforward control
has been added to the oscillator, this maintains su-
perior line regulation over a wide input voltage
range. Closing the loop directly gives an output vol-
tage of 5.1V, higher voltages areobtained by insert-
ing a voltage divider.
At turn on, outputovercurrents are prevented by the
soft start function (fig. 2). The error amplifier is in-
itially clamped by an externalcapacitor,Css, and al-
lowed to rise linearly under the charge of an internal
constant current source.
Output overload protection is provided by a current
limit circuit. The load current is sensed by a internal
metalresistor connectedto a comparator.When the
load current exceeds a preset threshold, the output
of the comparator sets a flip flop which turns off the
power DMOS. The next clock pulse, from an internal
40kHz oscillator, will reset the flip flop and the power
DMOS will again conduct. This current protection
method,ensuresa constantcurrent outputwhen the
systemis overloadedor shortcircuited and limitsthe
switching frequency, in this condition,to 40kHz. The
Reset and Power fail circuit (fig. 4), generates an
output signal when the supply voltage exceeds a
threshold programmed by an external voltage di-
vider. The reset signal, is generated with a delay
time programmed by a externalcapacitor on the de-
lay pin. When the supply voltage falls below the
threshold or the output voltage goes below 5V, the
reset output goes low immediately. The reset output
is an open drain.
Fig. 4A shows the case when the supply voltage is
higher than the threshold, but the output voltage is
not yet 5V.
Fig. 4B shows the case when the output is 5.1V, but
the supply voltage is not yet higher than the fixed
threshold.
The thermal protection disables circuit operation
when the junction temperature reaches about
150
°C and has a hysterysis to prevent unstable
conditions.
CIRCUIT OPERATION
L4972A-L4972AD
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com