Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972AD Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4972AD
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972AD Datasheet(HTML) 3 Page - STMicroelectronics

  L4972AD Datasheet HTML 1Page - STMicroelectronics L4972AD Datasheet HTML 2Page - STMicroelectronics L4972AD Datasheet HTML 3Page - STMicroelectronics L4972AD Datasheet HTML 4Page - STMicroelectronics L4972AD Datasheet HTML 5Page - STMicroelectronics L4972AD Datasheet HTML 6Page - STMicroelectronics L4972AD Datasheet HTML 7Page - STMicroelectronics L4972AD Datasheet HTML 8Page - STMicroelectronics L4972AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PIN FUNCTIONS
N
o
Name
F unctio n
1
BOOTSTRAP
A Cboot capacitor connected between this terminal and the output allows to drive
properly the internal D-MOS transistor.
2
RESET DELAY
A Cd capacitor connected between this terminal and ground determines the reset
signal delay time.
3
RESET OUT
Open Collector Reset/power Fail Signal Output. This output is high when the supply
and the output voltages are safe.
4
RESET INPUT
Input of Power Fail Circuit. The threshold is 5.1V. It may be connected via a divider
to the input for power fail function. It must be connected to the pin 14 an external 30K
resistor when power fail signal not required.
5, 6
15, 16
GROUND
Common Ground Terminal
7
FREQUENCY
COMPENSATION
A series RC network connected between this terminal and ground determines the
regulation loop gain characteristics.
8
SOFT START
Soft Start Time Constant. A capacitor is connected between thi sterminal and ground
to define the soft start time constant.
9
FEEDBACK INPUT
The Feedback Terminal of the Regulation Loop. The output is connected directly to
this terminal for 5.1V operation; It is connected via a divider for higher voltages.
10
SYNC INPUT
Multiple L4972A’s are synchronized by connecting pin 10 inputs together or via an
external syncr. pulse.
11
SUPPLY VOLTAGE
Unregulated Input Voltage.
12, 19
N.C.
Not Connected.
13
Vref
5.1V Vref Device Reference Voltage.
14
Vstart
Internal Start-up Circuit to Drive the Power Stage.
17
OSCILLATOR
Rosc. External resistor connected to ground determines the constant charging current
of Cosc.
18
OSCILLATOR
Cosc. External capacitor connected to ground determines (with Rosc) the switching
frequency.
20
OUTPUT
Regulator Output.
L4972A-L4972AD
3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com