Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4934 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 17Page - National Semiconductor (TI) LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) LM4934 Datasheet HTML 22Page - National Semiconductor (TI) LM4934 Datasheet HTML 23Page - National Semiconductor (TI) LM4934 Datasheet HTML 24Page - National Semiconductor (TI) LM4934 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Further Notes on PLL Programming
The sigma-delta PLL is designed to drive audio circuits requiring accurate clock frequencies of up to 25MHz with frequency errors
noise-shaped away from the audio band. The 5 bits of modulus control provide exact synchronization of 48kHz and 44.1kHz
sample rates from any common clock source when the oversampling rate of the audio system is 125fs. In systems where 128x
oversampling must be used (for example with an isochronous I2S data stream) a clock synchronous to the sample rate should
be used as input to the PLL (typically the I2S clock). If no isochronous source is available then the PLL can be used to obtain a
clock that is accurate to within typical crystal tolerances of the real sample rate.
20166963
Example Of Pll Settings For 48Khz Sample Rates
f_in (MHz)
fsamp (kHz)
M
N
P
PLL_M
PLL_N
PLL_N_MOD
PLL_P
f_out (MHz)
11
48
11
60
5
21
60
0
9
12
12
48
5
25
5
9
25
0
9
12
12.288
48
4
19.53125
5
7
19
17
9
12
13
48
13
60
5
25
60
0
9
12
14.4
48
9
37.5
5
17
37
16
9
12
16.2
48
27
100
5
53
100
0
9
12
16.8
48
14
50
5
27
50
0
9
12
19.2
48
13
40.625
5
25
40
20
9
12
19.44
48
27
100
6
53
100
0
11
12
19.68
48
20.5
62.5
5
40
62
16
9
12
19.8
48
16.5
50
5
32
50
0
9
12
Example Pll Settings For 44.1Khz Sample Rates
f_in (MHz)
fsamp (kHz)
M
N
P
PLL_M
PLL_N
PLL_N_MOD
PLL_P
f_out (MHz)
11
44.1
11
55.125
5
21
55
4
9
11.025000
11.2896
44.1
8
39.0625
5
15
39
2
9
11.025000
12
44.1
5
22.96875
5
9
22
31
9
11.025000
13
44.1
13
55.125
5
25
55
4
9
11.025000
14.4
44.1
12
45.9375
5
23
45
30
9
11.025000
16.2
44.1
9
30.625
5
17
30
20
9
11.025000
16.8
44.1
17
55.78125
5
33
55
25
9
11.025000
19.2
44.1
16
45.9375
5
31
45
30
9
11.025000
19.44
44.1
13.5
38.28125
5
26
38
9
9
11.025000
19.68
44.1
20.5
45.9375
4
40
45
30
7
11.025000
19.8
44.1
11
30.625
5
21
30
20
9
11.025000
These tables cover the most common applications, obtaining clocks for sample rates such as 22.05kHz and 192kHz should be
done by changing the P divider value or the R divider in the clock configuration diagram.
If the user needs to obtain a clock unrelated to those described above, the following method is advised. An example of obtaining
11.2896 from 12.000MHz is shown below.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com