Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4934 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 13Page - National Semiconductor (TI) LM4934 Datasheet HTML 14Page - National Semiconductor (TI) LM4934 Datasheet HTML 15Page - National Semiconductor (TI) LM4934 Datasheet HTML 16Page - National Semiconductor (TI) LM4934 Datasheet HTML 17Page - National Semiconductor (TI) LM4934 Datasheet HTML 18Page - National Semiconductor (TI) LM4934 Datasheet HTML 19Page - National Semiconductor (TI) LM4934 Datasheet HTML 20Page - National Semiconductor (TI) LM4934 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
System Controls (Continued)
TABLE 9. Output Control (01h)
Loudspeaker Left Channel
LS_L_OUTPUT = 1
LS_L_OUTPUT = 0
Output On
Output Off
Loudspeaker Right Channel
LS_R_OUTPUT = 1
LS_R_OUTPUT = 0
Output On
Output Off
Headphone Left Channel
HP_L_OUTPUT = 1
HP_L_OUTPUT = 0
Output On
OCL = 1, Output Mute
OCL = 0, Output Mute
Headphone Right Channel
HP_R_OUTPUT = 1
HP_R_OUTPUT = 0
Output On
OCL = 1, Output Mute
OCL = 0, Output Mute
Mono Speaker Output
MONO_OUTPUT = 1
MONO_OUTPUT = 0
Output On
Output Off
Lineout
LINEOUT_OUTPUT = 1
LINEOUT_OUTPUT = 0
Output On
Output Mute
Headphone Output Mode
OCL = 1
OCL = 0
Headphone Output set to Capless
(CHP = 1/2 AV
DD)
Headphone Output Set to Cap-coupled
All Outputs
CD3=1
CD3=0
Outputs Toggled Via Register Control
All Outputs Off
TABLE 10. National 3D Enhancement Level Select (03h)
3D_LEVEL_1
3D_LEVEL_0
MIX RATIO
0
0
25%
0
1
40%
1
0
55%
1
1
70%
TABLE 11. National 3D Mode Control (04h)
3D_MODE
MODE
0
3D type 1
1
3D type 2
3D type 1: ROUT =Ri -G*LOUT3D,LOUT =Li -G*ROUT3D
3D type 2: ROUT =−Ri -G*LOUT3D,LOUT =Li +G*ROUT3D
Ri = Right Input
Li = Left Input
G = 3D gain level (Mix Ratio)
ROUT3D =Ri through the high-pass filter R3D and C3D
LOUT3D =Li through the high-pass filter R3D and C3D
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com