Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4934 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 29Page - National Semiconductor (TI) LM4934 Datasheet HTML 30Page - National Semiconductor (TI) LM4934 Datasheet HTML 31Page - National Semiconductor (TI) LM4934 Datasheet HTML 32Page - National Semiconductor (TI) LM4934 Datasheet HTML 33Page - National Semiconductor (TI) LM4934 Datasheet HTML 34Page - National Semiconductor (TI) LM4934 Datasheet HTML 35Page - National Semiconductor (TI) LM4934 Datasheet HTML 36Page - National Semiconductor (TI) LM4934 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Typical Performance Characteristics (Continued)
XTalk vs Frequency
5V HP Out Mode 2, R
L =32
Ω,1V
RMS,SE
XTalk vs Frequency
5V LS Out Mode 2, R
L =8
Ω,1V
RMS
201669B5
201669B6
Output Power vs Supply Voltage
EP Out, R
L =32
Ω, 1% THD+N
Output Power vs Supply Voltage
HP Out, R
L =32
Ω, 1% THD+N
201669J0
201669J1
Output Power vs Supply Voltage
LS Out, R
L =8
Ω, 1% THD+N
201669J2
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com