Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4934 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 3Page - National Semiconductor (TI) LM4934 Datasheet HTML 4Page - National Semiconductor (TI) LM4934 Datasheet HTML 5Page - National Semiconductor (TI) LM4934 Datasheet HTML 6Page - National Semiconductor (TI) LM4934 Datasheet HTML 7Page - National Semiconductor (TI) LM4934 Datasheet HTML 8Page - National Semiconductor (TI) LM4934 Datasheet HTML 9Page - National Semiconductor (TI) LM4934 Datasheet HTML 10Page - National Semiconductor (TI) LM4934 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Audio Amplifier Electrical Characteristics AV
DD = 5.0V, DVDD = 3.3V (Notes 1,
2) (Continued)
The following specifications apply for the circuit shown in Figure 1 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4934
Units
(Limits)
Typical
(Note 6)
Limits
(Notes
7, 8)
PSRR
Power Supply Rejection Ratio
f = 217Hz; V
ripple = 200mVP-P
C
B = 2.2µF; See Table 3
Table 3
Xtalk
Crosstalk
Loudspeaker; P
O= 400mW
f = 1kHz
–86
dB
Headphone; P
O= 15mW
f = 1kHz; OCL
–56
dB
Headphone; P
O= 15mW
f = 1kHz, SE
–80
dB
T
WU
Wake-Up Time
C
B = 2.2µF, CD6 = 0
45
ms
C
B = 2.2µF, CD6 = 1
130
ms
Volume Control Electrical Characteristics (Notes 1, 2)
The following specifications apply for 3V
≤ AV
DD
≤ 5V and 2.7V ≤ DV
DD
≤ 4.0V, unless otherwise specified. Limits apply for T
A
= 25˚C.
Symbol
Parameter
Conditions
LM4934
Units
(Limits)
Typical
(Note 6)
Limits
(Notes
7, 8)
PGR
Stereo or Mono Analog Inputs
PreAmp Gain Setting Range
minimum gain setting
–6
–6.5
dB (min)
–5.5
dB (max)
maximum gain setting
15
15.5
dB (max)
14.5
dB (min)
VCR
Output Volume Control for Stereo
Speakers, Headphone Output, or
Mono Output Range
minimum gain setting, Vol = 00001
–56
–56.5
dB (min)
–55.5
dB (max)
maximum gain setting
5
4.5
dB (min)
5.5
dB (max)
∆A
CH-CH
Stereo Channel to Channel Gain
Mismatch
0.3
dB
A
MUTE
Mute Attenuation
V
in =1Vrms, Gain = 0dB
with load, Vol = 00000
Headphone
<-90
dB
Line Out
<-90
dB
R
INPUT
M
IN,LIN and RIN Input Impedance
23
18
k
Ω (min)
28
k
Ω (max)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com