Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250RMZ-R21 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2250RMZ-R21
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250RMZ-R21 Datasheet(HTML) 3 Page - Analog Devices

  SSM2250RMZ-R21 Datasheet HTML 1Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 2Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 3Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 4Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 5Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 6Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 7Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 8Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2250
Rev. A | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, VS = 5.0 V
VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Offset Voltage
VOS
BTL mode; AV = 2; BTL+ to BTL−
4
100
mV
Large Signal Voltage Gain
AVO
RL = 2 kΩ
2
V/mV
Output Power
POUT
SE mode: RL = 32 Ω, THD < 1%
90
mW
BTL mode: RL = 8 Ω, THD < 1%
1,000
mW
Output Impedance
ZOUT
0.1
Ω
SHUTDOWN INPUT
Input Voltage High
VIH
IS < 100 μA
2.0
V
Input Voltage Low
VIL
IS > 1 mA
0.8
V
POWER SUPPLY
Supply Current
IS
BTL mode
6.4
mA
SE mode
6.4
mA
Supply Current/Amplifier
IS
60
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 50 pF
4
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
Фo
84
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
45
nV/√Hz
ELECTRICAL CHARACTERISTICS, VS = 2.7 V
VS = 2.7 V, VCM = 1.35 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Offset Voltage
VOS
BTL mode; AV = 2; BTL+ to BTL−
4
100
mV
Large Signal Voltage Gain
AVO
RL = 2 kΩ
2
V/mV
Output Power
POUT
SE mode: RL = 32 Ω, THD < 1%
25
mW
BTL mode: RL = 8 Ω, THD < 1%
300
mW
Output Impedance
ZOUT
0.1
Ω
SHUTDOWN INPUT
Input Voltage High
VIH
IS < 100 μA
2.0
V
Input Voltage Low
VIL
IS > 1 mA
0.8
V
POWER SUPPLY
Supply Current
IS
BTL mode
6.4
mA
SE mode
6.4
mA
Supply Current/Amplifier
IS
32
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 50 pF
4
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
Фo
84
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
45
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com