Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250RMZ-R21 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2250RMZ-R21
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250RMZ-R21 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2250RMZ-R21 Datasheet HTML 3Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 4Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 5Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 6Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 7Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 8Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 9Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 10Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SSM2250
Rev. A | Page 7 of 12
PRODUCT OVERVIEW
The SSM2250 is a low distortion power amplifier that can
drive a set of stereo headphones or a single 8 Ω loudspeaker. It
contains three rail-to-rail output op amps, click-and-pop reduc-
tion biasing, and all necessary switching circuitry. In SE (single-
ended) mode, the device automatically mutes the internal 8 Ω
speaker. In BTL (bridge-tied load) mode, the internal speaker
is activated.
The SSM2250 can operate from a 2.7 V to a 5.5 V single supply.
The rail-to-rail outputs can be driven to within 400 mV of
either supply rail while supplying a sustained output current
of 350 mA into 8 Ω. The device is unity-gain stable and requires
no external compensation capacitors. The SSM2250 can be
configured for gains of up to 40 dB.
TYPICAL APPLICATION
In SE mode, the device operates similarly to a high current
output, dual op amp. A1 and A3 are independent amplifiers
with a gain of −R2/R1. The outputs of A1 and A3 are used to
drive the external headphones plugged into the headphone jack.
Amplifier A2 is shut down to a high output impedance state.
This prevents current from flowing through the 8 Ω internal
speaker, thereby muting it.
Although the gains of A1 and A3 can be set independently,
it is recommended that the feedback and feedforward resistor
around both amplifiers be equal. This prevents one channel
from becoming louder than the other.
In BTL mode, the current into the right in pin is directed to the
input of A1. This effectively sums the left in and right in audio
signals. The A2 amplifier is activated and configured with a
fixed gain of AV = −1. This produces a balanced output con-
figuration that drives the internal speaker. Because the BTL
output voltages swing opposite to each other, the gain to the
speaker in BTL mode is twice the gain of SE mode. The voltage
across the internal speaker can be written
()
1
2
2
R
R
V
V
V
RIGHT
LEFT
SPEAKER
×
×
+
=
(1)
The bridged output configuration offers the advantage of a
more efficient power transfer from the input to the speaker.
Because both outputs are symmetric, the dc voltage bias across
the 8 Ω internal speaker is 0. This eliminates the need for a
coupling capacitor at the output. In BTL mode, the A3 amplifier
is shut down to conserve power.
In BTL mode, the SSM2250 can achieve 1 W continuous output
into 8 Ω at ambient temperatures up to 40°C. The power
derating curve shown in Figure 17 should be observed for
proper operation at higher ambient temperatures. For a
standard 14-lead TSSOP package, typical junction-to-ambient
temperature thermal resistance (θJA) is 180°C/W on a 2-layer
board and 140°C/W on a 4-layer board.
Internal Speaker/External Headphones Automatic
Switching
Pin 4 on the SSM2250 controls the switching between the BTL
mode and the SE mode. Logic low to Pin 4 activates BTL mode,
while logic high activates SE mode. The configuration shown in
Figure 14 provides the appropriate logic voltages to Pin 4,
muting the internal speaker when headphones are plugged into
the jack.
A stereo headphone jack with a normalizing pin is required for
the application. With no plug inserted, a mechanical spring
connects the normalizing pin to the output pin in the jack.
Once a plug is inserted, this connection is broken.
In Figure 14, Pin 4 of the SSM2250 is connected to the nor-
malizing pin for the right channel output. This pin, located in
the headphone jack, hits the ring on the headphone plug. A
100 kΩ pull-up resistor to 5 V is also connected at this point.
With a headphone plug inserted, the normalizing pin discon-
nects from the output pin, and Pin 4 is pulled up to 5 V,
activating SE mode on the SSM2250. This mutes the internal
speaker while driving the stereo headphones.
Once the headphone plug is removed, the normalizing pin
connects to the output pin. This drives the voltage at Pin 4
to 50 mV, as this point is pulled low by the 1 kΩ resistor now
connected to the node. The SSM2250 goes into BTL mode,
deactivating the right SE amplifier to prevent the occurrence
of any false mode switching.
It is important to connect Pin 4 and the 100 kΩ pull-up resistor
to the normalizing pin for the right output in the headphone
jack. Connecting them to the left output normalizing pin results
in improper operation from the device. The normalizing pin to
the left output in the headphone jack should be left open.
Coupling Capacitors
Output coupling capacitors are not required to drive the
internal speaker from the BTL outputs. However, coupling
capacitors are required between the amplifier’s SE outputs and
the headphone jack to drive external headphones. This prevents
dc current from flowing through the headphone speakers,
whose resistances are typically about 80 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com