Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250RMZ-R21 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2250RMZ-R21
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250RMZ-R21 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2250RMZ-R21 Datasheet HTML 4Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 5Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 6Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 7Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 8Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 9Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 10Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 11Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SSM2250
Rev. A | Page 11 of 12
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
14
13
12
11
10
9
8
NC
C9
C10
C13
C15
C16
C17
C12
C14
LINE OUT RIGHT
LINE OUT LEFT
NC
MONO OUT
AD1881A
NC = NO CONNECT
NC NC NC NC
NC NC NC
NC
NC
R1
20k
Ω
R5
20k
Ω
R2
100
Ω
R3
1k
Ω
R4
1k
Ω
TO SPEAKER–
TO SPEAKER+
AVDD = 5V
AVDD = 5V
AVDD = 5V
AVDD = 5V
SSM2250
NC
NC
NC
NC
NC
C1
10
μF
C4
10
μF
C3
0.1
μF
C2
10
μF
C7
0.1
μF
C6
10
μF
C5
100
μF
+
+
+
AC CLK
C8
22pF
C23
0.1
μF
C11
22pF
C20
27pF
C22
1
μF
C26
1
μF
C29
1
μF
C31
1
μF
C27
1
μF
C25
1
μF
C24
1
μF
C21
0.1
μF
C16
10
μF
C19
0.1
μF
270pF
270pF
1
μF
1
μF
0.1
μF
1
μF
1
μF
0.047
μF
C28
0.001
μF
C30
1
μF
C32
1
μF
C33
1
μF
Y1
24.576MHz
SMT
SDATA
OUT
BITCLK
SYNC
SDATA
IN 0
RST#
PCBEEP
MONO
PHONE
AUX
LEFT
AUX
IN
R8
47
Ω
R10
10k
Ω
R11
1k
Ω
R12
4.7k
Ω
R14
4.7k
Ω
R17
4.7k
Ω
R19
4.7k
Ω
R18
4.7k
Ω
R15
4.7k
Ω
R13
4.7k
Ω
R9
2k
Ω
R7
20k
Ω
R6
20k
Ω
R16
4.7k
Ω
LINE IN RIGHT
LINE IN LEFT
MIC IN
CD RIGHT
CD GND
CD LEFT
Figure 20. PC99 Compliant Audio System Reference Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com