Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250RMZ-R21 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2250RMZ-R21
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250RMZ-R21 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2250RMZ-R21 Datasheet HTML 2Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 3Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 4Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 5Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 6Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 7Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 8Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 9Page - Analog Devices SSM2250RMZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SSM2250
Rev. A | Page 6 of 12
OUTPUT POWER (W)
10
1
0.1
10m
2
100m
1
VS = 5V
BTL MODE
RL = 8Ω
CB = 1μF
VIN = 20Hz
AV = 2
Figure 10. BTL Out THD + N vs. Output Power at 20 Hz
OUTPUT POWER (mW)
10
1
0.1
10m
2
100m
1
VS = 5V
BTL MODE
RL = 8Ω
CB = 1μF
VIN = 20kHz
AV = 2
Figure 11. BTL Out THD + N vs. Output Power at 20 kHz
OUTPUT POWER (W)
10
1
0.01
10
200
100
0.1
VS = 5V
SE MODE
RL = 32Ω
CB = 1μF
VIN = 20Hz
AV = 1
Figure 12. SE Out THD + N vs. Output Power at 20 Hz
OUTPUT POWER (mW)
10
1
0.01
10
200
100
0.1
VS = 5V
SE MODE
RL = 8Ω
CB = 1μF
VIN = 20kHz
AV = 1
Figure 13. SE Out THD + N vs. Output Power at 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com