Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28323PVC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28323PVC Datasheet HTML 1Page - SpectraLinear Inc CY28323PVC Datasheet HTML 2Page - SpectraLinear Inc CY28323PVC Datasheet HTML 3Page - SpectraLinear Inc CY28323PVC Datasheet HTML 4Page - SpectraLinear Inc CY28323PVC Datasheet HTML 5Page - SpectraLinear Inc CY28323PVC Datasheet HTML 6Page - SpectraLinear Inc CY28323PVC Datasheet HTML 7Page - SpectraLinear Inc CY28323PVC Datasheet HTML 8Page - SpectraLinear Inc CY28323PVC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FTG for Intel® Pentium® 4 CPU and Chipsets
CY28323PVC
Rev 1.0, November 24, 2006
Page 1 of 21
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Compatible to Intel® CK-Titan & CK-408 Clock Synthe-
sizer/Driver Specifications
• System frequency synthesizer for Intel Brookdale 845
and Brookdale - G Pentium® 4 Chipsets
• Programmable clock output frequency with less than
1 MHz increment
• Integrated fail-safe Watchdog timer for system
recovery
• Automatically switch to HW selected or SW
programmed clock frequency when watchdog timer
time-out
• Capable of generating system RESET after a Watchdog
timer time-out occurs or a change in output frequency
via SMBus interface
• Support SMBus byte read/write and block read/ write
operations to simplify system BIOS development
• Vendor ID and Revision ID support
• Programmable drive strength support
• Programmable output skew support
• Power management control inputs
• Available in 48-pin SSOP
CPU
3V66
PCI
REF
48M
24_48M
x 3
x 4
x 10
x 2
x 1
x 1
Note:
1. Signals marked with ‘*’ and “^” has internal pull-up and pull-down resistors respectively.
Block Diagram
Pin Configuration
VDD_REF
CPU0:1, CPU0:1#,
XTAL
PLL Ref Freq
X2
X1
VDD_PCI
OSC
SCLK
PLL 1
SMBus
Logic
VDD_48MHz
SDATA
VDD_3V66
Divider
Network
VDD_CPU
PLL2
*FS0:4
2
PWR_DWN#
SSOP-48
REF0:1
VTT_PWRGD#
*MULTSEL1/REF1
VDD_REF
X1
X2
GND_PCI
*FS2/PCI_F0
*FS3/PCI_F1
PCI_F2
VDD_PCI
*FS4/PCI0
PCI1
PCI2
GND_PCI
PCI3
PCI4
PCI5
PCI6
VDD_PCI
VTT_PWRGD#
RST#
GND_48MHz
*FS0/48MHz
*FS1/24_48MHz
VDD_48MHz
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
28
27
26
25
32
31
30
29
REF0/MULTSEL0*
GND_REF
VDD_CPU
CPU_ITP
CPU_ITP#
GND_CPU
PWR_DWN#
CPU0
CPU0#
VDD_CPU
CPU1
CPU1#
GND_CPU
IREF
VDD_CORE
GND_CORE
VDD_3V66
3V66_0
3V66_1
GND_3V66
3V66_2
3V66_3
SCLK
SDATA
*MULTSEL0:1
3V66_0:3
PCI_F0:2
PCI0:6
48MHz
24_48MHz
RST#
CPU_ITP, CPU_ITP#
[[1]]


Similar Part No. - CY28323PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28323PVC CYPRESS-CY28323PVC Datasheet
180Kb / 22P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28323PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
FTG for Intel Pentium 4 CPU and Chipsets
Revised November 14, 2001
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
FTG for Intel Pentium 4 CPU and Chipsets
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com