Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28323PVC Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button CY28323PVC Datasheet HTML 2Page - SpectraLinear Inc CY28323PVC Datasheet HTML 3Page - SpectraLinear Inc CY28323PVC Datasheet HTML 4Page - SpectraLinear Inc CY28323PVC Datasheet HTML 5Page - SpectraLinear Inc CY28323PVC Datasheet HTML 6Page - SpectraLinear Inc CY28323PVC Datasheet HTML 7Page - SpectraLinear Inc CY28323PVC Datasheet HTML 8Page - SpectraLinear Inc CY28323PVC Datasheet HTML 9Page - SpectraLinear Inc CY28323PVC Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY28323PVC
Rev 1.0, November 24, 2006
Page 6 of 21
Data Byte Configuration Map
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
11:18
Command Code - 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Data Byte 0
Bit
Pin#
Name
Description
Power On
Default
Bit 7
--
Spread Select2
‘000’ = OFF
‘001’ = Reserved
‘010’ = Reserved
‘011’ = Reserved
‘100’ = ±0.25%
‘101’ = –0.5%
‘110’ = ±0.5%
‘111’ = ±0.38%
0
Bit 6
--
Spread Select1
0
Bit 5
--
Spread Select0
0
Bit 4
--
SEL4
SW Frequency selection bits. See
Table 4.0
Bit 3
--
SEL3
0
Bit 2
--
SEL2
0
Bit 1
--
SEL1
0
Bit 0
--
SEL0
0
Data Byte 1
Bit
Pin#
Name
Description
Power On
Default
Bit 7
38, 37
CPU1, CPU1#
(Active/Inactive)
1
Bit 6
41, 40
CPU0, CPU0#
(Active/Inactive)
1
Bit 5
22
48MHz
(Active/Inactive)
1
Bit 4
23
24_48MHz
(Active/Inactive)
1
Bit 3
27
3V66_3
(Active/Inactive)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com