Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 17 Page - SpectraLinear Inc

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28323PVC Datasheet(HTML) 17 Page - SpectraLinear Inc

Back Button CY28323PVC Datasheet HTML 13Page - SpectraLinear Inc CY28323PVC Datasheet HTML 14Page - SpectraLinear Inc CY28323PVC Datasheet HTML 15Page - SpectraLinear Inc CY28323PVC Datasheet HTML 16Page - SpectraLinear Inc CY28323PVC Datasheet HTML 17Page - SpectraLinear Inc CY28323PVC Datasheet HTML 18Page - SpectraLinear Inc CY28323PVC Datasheet HTML 19Page - SpectraLinear Inc CY28323PVC Datasheet HTML 20Page - SpectraLinear Inc CY28323PVC Datasheet HTML 21Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
CY28323PVC
Rev 1.0, November 24, 2006
Page 17 of 21
-
Switching Characteristics[[3]] Over the Operating Range
Parameter
Output
Description
Test Conditions
Min.
Max.
Unit
t1
All
Output Duty Cycle[[4]]
t1A/(t1B)
45
55
%
t2
CPU
Rise Time
Measured at 20% to 80% of Voh
175
700
ps
t2
48MHz, REF
Rising Edge Rate
Between 0.4V and 2.4V
0.5
2.0
V/ns
t2
PCI, 3V66,
Rising Edge Rate
Between 0.4V and 2.4V
1.0
4.0
V/ns
t3
CPU
Fall Time
Measured at 80% to 20% of Voh
175
700
ps
t3
48MHz, REF
Falling Edge Rate
Between 2.4V and 0.4V
0.5
2.0
V/ns
t3
PCI, 3V66
Falling Edge Rate
Between 2.4V and 0.4V
1.0
4.0
V/ns
t4
CPU
CPU-CPU Skew
Measured at Crossover
150
ps
t5
3V66 [0:1]
3V66-3V66 Skew
Measured at 1.5V
500
ps
t6
PCI
PCI-PCI Skew
Measured at 1.5V
500
ps
t7
3V66,PCI
3V66-PCI Clock Skew
3V66 leads. Measured at 1.5V
1.5
3.5
ns
t8
CPU
Cycle-Cycle Clock Jitter
Measured at Crossover t8 = t8A – t8B
With all outputs running
200
ps
t9
3V66
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
250
ps
t9
48MHz
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
350
ps
t9
PCI
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
500
ps
t9
REF
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
1000
ps
CPU, PCI
Settle Time
CPU and PCI clock stabilization from
power-up
3
ms
CPU
Rise/Fall Matching
Measured with test loads[[5], [6]]
20%
CPU
Overshoot
Measured with test loads[[6]]
Voh +
0.2
V
CPU
Undershoot
Measured with test loads[[6]]
–0.2
V
Voh
CPU
High-level Output Voltage
Measured with test loads[[6]]
0.65
0.74
V
Vol
CPU
Low-level Output Voltage
Measured with test loads[[6]]
0.0
0.05
V
Vcrossover
CPU
Crossover Voltage
Measured with test loads[[6]]
45%
of
0.65
55%
of
0.74
V
Notes:
3. All parameters specified with loaded outputs.
4. Duty cycle is measured at 1.5V when VDD = 3.3V. When VDD = 2.5V, duty cycle is measured at 1.25V.
5. Determined as a fraction of 2*(tRP – tRN)/(tRP +tRN) Where tRP is a rising edge and tRN is an intersecting falling edge.
6. The test load is Rs = 33.2 , Rp = 49.9 in test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com