Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 20 Page - SpectraLinear Inc

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28323PVC Datasheet(HTML) 20 Page - SpectraLinear Inc

Back Button CY28323PVC Datasheet HTML 13Page - SpectraLinear Inc CY28323PVC Datasheet HTML 14Page - SpectraLinear Inc CY28323PVC Datasheet HTML 15Page - SpectraLinear Inc CY28323PVC Datasheet HTML 16Page - SpectraLinear Inc CY28323PVC Datasheet HTML 17Page - SpectraLinear Inc CY28323PVC Datasheet HTML 18Page - SpectraLinear Inc CY28323PVC Datasheet HTML 19Page - SpectraLinear Inc CY28323PVC Datasheet HTML 20Page - SpectraLinear Inc CY28323PVC Datasheet HTML 21Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
CY28323PVC
Rev 1.0, November 24, 2006
Page 20 of 21
Layout Example
FB
+3.3V Supply
0.005 F
G
G
VDDQ3
C3
48
47
46
45
44
43
42
41
40
38
37
36
35
34
3
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
5
VDDQ3
C5
C6
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Cermaic Caps C3 = 10–22
F
C4 = 0.005 F
FB = Dale ILB1206 - 300 (300
@ 100 MHz)
C5 = 10 F
C6 = 0.1 F
All bypass caps = 0.1 F ceramic
* For use with onboard video using 48 MHz for Dot Clock or connect to VDDQ3
*
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com