Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5993D
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5993D Datasheet HTML 3Page - STMicroelectronics L5993D Datasheet HTML 4Page - STMicroelectronics L5993D Datasheet HTML 5Page - STMicroelectronics L5993D Datasheet HTML 6Page - STMicroelectronics L5993D Datasheet HTML 7Page - STMicroelectronics L5993D Datasheet HTML 8Page - STMicroelectronics L5993D Datasheet HTML 9Page - STMicroelectronics L5993D Datasheet HTML 10Page - STMicroelectronics L5993D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
1020304050
60708090 100
1
1.5
2
2.5
3
3.5
Duty Cycle [%]
DC Control Voltage Vpin3 [V]
Rt = 4.5Kohm,
Ct = 1nF
V15 = 0V
V15 = Vref
Figure 17. Maximum Duty Cycle vs Vpin3.
0.01
0.1
1
10
100
1000
10000 100000
0
50
100
150
20
40
60
80
100
120
140
f(KHz)
G [dB]
Phase
Figure 19. E/A frequency response.
2468
10
300
600
900
1,200
1,500
Timing capacitor Ct [nF]
Dead time [ns]
Rt =4.5Kohm
V15 = 0V
V15 = Vref
Figure 16. Dead time vs Ct.
-50
-25
0
25
50
75
100
125
150
280
290
300
310
320
Tj (
°C)
fsw (KHz)
Rt= 4.5Kohm, Ct = 1nF
Vcc = 15V, V15= 0
Figure 15. Switching frequency vs. temperature.
-50
-25
0
25
50
75
100
125
150
28
30
32
34
36
38
40
42
Tj (
°C)
Delay to output (ns)
PIN10 = OPEN
1V pulse
on PIN13
Figure 18. Delay to output vs junction tem-
perature.
L5993
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com