Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5993D
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993D Datasheet(HTML) 1 Page - STMicroelectronics

  L5993D Datasheet HTML 1Page - STMicroelectronics L5993D Datasheet HTML 2Page - STMicroelectronics L5993D Datasheet HTML 3Page - STMicroelectronics L5993D Datasheet HTML 4Page - STMicroelectronics L5993D Datasheet HTML 5Page - STMicroelectronics L5993D Datasheet HTML 6Page - STMicroelectronics L5993D Datasheet HTML 7Page - STMicroelectronics L5993D Datasheet HTML 8Page - STMicroelectronics L5993D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
L5993
CONSTANT POWER CONTROLLER
CURRENT-MODE CONTROL PWM
SWITCHING FREQUENCY UP TO 1MHz
LOW START-UP CURRENT (< 120
µA)
CONSTANT OUTPUT POWER VS. SWITCH-
ING FREQUENCY
HIGH-CURRENT OUTPUT DRIVE SUITABLE
FOR POWER MOSFET (1A)
FULLY LATCHED PWM LOGIC WITH DOU-
BLE PULSE SUPPRESSION
PROGRAMMABLE DUTY CYCLE
100%AND 50% MAXIMUM DUTY CYCLE LIMIT
PROGRAMMABLE SOFT START
PRIMARY OVERCURRENT FAULT DETEC-
TION WITH RE-START DELAY
PWM UVLO WITH HYSTERESIS
IN/OUT SYNCHRONIZATION
LATCHED DISABLE
INTERNAL 100ns LEADING EDGE BLANK-
ING OF CURRENT SENSE
PACKAGE: DIP16 AND SO16N
DESCRIPTION
This primary controller I.C., developed in BCD60II
technology, has been designed to implement off
line or DC-DC power supply applications using a
fixed frequency current mode control.
Based on a standard current mode PWM control-
ler this device includes some features such as
programmable soft start, IN/OUT synchronization,
disable (to be used for over voltage protection and
for power management), precise maximum Duty
Cycle Control, 100ns leading edge blanking on
current sense, pulse by pulse current limit, over-
current protection with soft start intervention and
”constant power” function for cotrolling throughput
power in multisync monitor SMPS.
July 1999
®
+
-
+
-
TIMING
2
3
+
-
14
T
Vref
CLK
2.5V
+
-
1.2V
13
BLANKING
PWM
FAULT
SOFT-START
R
SQ
25V
15V/10V
VREF OK
DIS
+
-
E/A
1V
R
2R
DIS
2.5V
7
6
5
11
10
9
4
8
15
1
13V
PWM UVLO
12
SGND
COMP
SS
ISEN
DIS
DC
RCT
SYNC
DC-LIM
VCC
VREF
D97IN765
VFB
PGND
OUT
VC
OVER CURRENT
+
-
16
C-POWER
BLOCK DIAGRAM
ORDERING NUMBERS: L5993 (DIP16)
L5993D (SO16)
MULTIPOWER BCD TECHNOLOGY
DIP16
SO16N
1/22


Similar Part No. - L5993D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991A STMICROELECTRONICS-L5991A Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991A STMICROELECTRONICS-L5991A Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991AD STMICROELECTRONICS-L5991AD Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
More results

Similar Description - L5993D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741 LINER-LT3741_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
LT3741-1 LINER-LT3741-1_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com