Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5993D
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5993D Datasheet HTML 14Page - STMicroelectronics L5993D Datasheet HTML 15Page - STMicroelectronics L5993D Datasheet HTML 16Page - STMicroelectronics L5993D Datasheet HTML 17Page - STMicroelectronics L5993D Datasheet HTML 18Page - STMicroelectronics L5993D Datasheet HTML 19Page - STMicroelectronics L5993D Datasheet HTML 20Page - STMicroelectronics L5993D Datasheet HTML 21Page - STMicroelectronics L5993D Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Figure 38. Protection against overvoltage/feedback disconnection (latched)
L5993
D97IN775A
DC
VCC
VREF
R
START
3
12
8
4
11
Figure 39. Protection against overvol-
tage/feedback disconnection (not
latched)
D97IN776A
PGND
L5993
OPTIONAL
VREF
SGND
DIS
ISEN
I
4
14
13
12
11
R
SENSE
R2
R
1
I
pk
Ipk max ≅
2.5
R
SENSE
1-
R2
R
1
•
Figure 40. Device shutdown on overcurrent
D97IN777
PGND
L5993
OUT
SGND
ISEN
Lp
RFF
R
VIN
RFF = 6·10
6
R·Lp
RSENSE
RSENSE
13
10
12
11
80
÷ 400V
DC
Figure 41. Constant power in pulse-by-pulse current limitation (flyback discontinuous)
L5993
DC
10K
COMP
3
6
12
13
SGND
ISEN
D97IN778A
Figure 42. Voltage mode operation.
L5993
D98IN906
SGND
DIS
VCC
R
START
PGND
8
14
12
11
VZ
2.2K
L5993
D97IN774
SGND
DIS
VCC
RSTART
PGND
8
14
12
11
L5993
18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com