Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5993D
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5993D Datasheet HTML 2Page - STMicroelectronics L5993D Datasheet HTML 3Page - STMicroelectronics L5993D Datasheet HTML 4Page - STMicroelectronics L5993D Datasheet HTML 5Page - STMicroelectronics L5993D Datasheet HTML 6Page - STMicroelectronics L5993D Datasheet HTML 7Page - STMicroelectronics L5993D Datasheet HTML 8Page - STMicroelectronics L5993D Datasheet HTML 9Page - STMicroelectronics L5993D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
10
0
0.2
0.4
0.6
0.8
1
1.2
6
8
10
12
14
16
Isource [A]
Vsat = V
[V]
Vcc = Vc = 15V
Tj = 2 5
°C
Figure 10. Output saturation.
0
0.2
0.4
0 .6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
Is ink [A ]
10
Vsat = V [V ]
Vc c = Vc = 1 5 V
Tj = 2 5
°C
Figure 11. Output saturation.
1
10
100
1000
10000
0
40
80
120
fsw (Hz)
SVRR (dB)
Vcc=15V
Vp-p=1V
Figure 9. Vref SVRR vs. switching frequency.
-50
-25
0
25
50
75
100
125
150
280
290
300
310
320
Tj (
°C)
fsw (KHz)
Rt= 4.5Kohm, Ct = 1nF
Vcc = 15V, V15=Vref
Figure 14. Switching frequency vs. tempera-
ture
0
200
400
600
800
1,000 1,200 1,400
0
10
20
30
40
50
Vpin10 [mV]
Ipin10 [mA]
Vcc < Vccon
before turn-on
Figure 12. UVLO Saturation
10
20
30
40
10
20
50
100
200
500
1000
2000
5000
Rt (kohm)
fsw (KHz)
100pF
220pF
470pF
1nF
2.2nF
5 .6nF
Tj = 25
°C
Vcc
= 15V, V15 =0V
Figure 13. Timing resistor vs. switching fre-
quency.
L5993
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com