Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT45-R260 Datasheet(PDF) 2 Page - SICK AG

Part # WT45-R260
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT45-R260 Datasheet(HTML) 2 Page - SICK AG

  WT45-R260 Datasheet HTML 1Page - SICK AG WT45-R260 Datasheet HTML 2Page - SICK AG WT45-R260 Datasheet HTML 3Page - SICK AG WT45-R260 Datasheet HTML 4Page - SICK AG WT45-R260 Datasheet HTML 5Page - SICK AG WT45-R260 Datasheet HTML 6Page - SICK AG WT45-R260 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WT45-R260 | W45
COMPACT PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WT45-R260
1009107
Other models and accessories
www.sick.com/W45
Detailed technical data
Features
Functional principle
Photoelectric proximity sensor
Functional principle detail
Background suppression
Dimensions (W x H x D)
60 mm x 105 mm x 105 mm
Housing design (light emission)
Rectangular
Sensing range max.
200 mm ... 2,000 mm 1)
Sensing range
200 mm ... 2,000 mm
Type of light
Infrared light
Light source
LED 2)
Light spot size (distance)
Ø 35 mm (2,000 mm)
Adjustment
Potentiometer
Special features
Cable gland, for cross-section: 0,14 mm2 ... 2,5 mm2, max. 16 A
1) Object with 90% remission (based on standard white, DIN 5033).
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
20 V AC/DC ... 250 V AC/DC 1)
Power consumption
≤ 3 VA
Switching output
Relay, electrically isolated 2)
Output function
Change-over contacts
Switching mode
Light/dark switching 2)
Switching mode selector
Selectable via time delay selector switch
1) Limit values.
2) Provide suitable spark suppression for inductive or capacitive loads.
3) With light/dark ratio 1:1.
4) A = VS connections reverse-polarity protected.
5) C = interference suppression.
6) Up to 140 °C with cooling plates (see accessories).
2
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2023-07-11 15:20:55
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com