Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT45-R260 Datasheet(PDF) 5 Page - SICK AG

Part # WT45-R260
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT45-R260 Datasheet(HTML) 5 Page - SICK AG

  WT45-R260 Datasheet HTML 1Page - SICK AG WT45-R260 Datasheet HTML 2Page - SICK AG WT45-R260 Datasheet HTML 3Page - SICK AG WT45-R260 Datasheet HTML 4Page - SICK AG WT45-R260 Datasheet HTML 5Page - SICK AG WT45-R260 Datasheet HTML 6Page - SICK AG WT45-R260 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WT45-R260 | W45
COMPACT PHOTOELECTRIC SENSORS
Sensing range diagram
200
(7.87)
800
(31.50)
1200
(47.24)
1600
(62.99)
2000
(78.74)
2
1
Distance in mm (inch)
Sensing range
1 Sensing range on black, 6 % remission
2 Sensing range on gray, 18 % remission
200
1000
200
2000
Adjustments
0,5 - 12 s
t0
t0
t1
t1
t2
t2
1 2
3 4 5
t
Rel. off
Rel. on
7
8
à
ß
9
Distance
⑦  Adjustment of sensing range
⑧  Time control
⑨  Time delay selector switch
⑩  Terminal strip
⑪  Status indicator
2023-07-11 15:20:55 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com