Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT45-R260 Datasheet(PDF) 3 Page - SICK AG

Part # WT45-R260
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT45-R260 Datasheet(HTML) 3 Page - SICK AG

  WT45-R260 Datasheet HTML 1Page - SICK AG WT45-R260 Datasheet HTML 2Page - SICK AG WT45-R260 Datasheet HTML 3Page - SICK AG WT45-R260 Datasheet HTML 4Page - SICK AG WT45-R260 Datasheet HTML 5Page - SICK AG WT45-R260 Datasheet HTML 6Page - SICK AG WT45-R260 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WT45-R260 | W45
COMPACT PHOTOELECTRIC SENSORS
Switching current (switching voltage)
4 A @ 250 V AC, 4 A @ 24 V DC, 0.125 A @ 120 V DC
UL: 4 A @ 250 V AC, general purpose / 2 A @ 250 V AC, pilot duty
Response time
≤ 20 ms
Switching frequency
10 Hz 3)
Time functions
On delay
Off delay
ON and OFF delay
Delay time
Adjustable via time delay selector switch, 0.5 s ... 12 s
Connection type
Terminal connection with PG13,5, 6-pin
Circuit protection
A 4)
C 5)
Protection class
I
Weight
800 g
Housing material
Metal
Enclosure rating
IP67
Ambient operating temperature
–25 °C ... +55 °C 6)
Ambient temperature, storage
–40 °C ... +70 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values.
2) Provide suitable spark suppression for inductive or capacitive loads.
3) With light/dark ratio 1:1.
4) A = VS connections reverse-polarity protected.
5) C = interference suppression.
6) Up to 140 °C with cooling plates (see accessories).
Classifications
eCl@ss 5.0
27270904
eCl@ss 5.1.4
27270904
eCl@ss 6.0
27270904
eCl@ss 6.2
27270904
eCl@ss 7.0
27270904
eCl@ss 8.0
27270904
eCl@ss 8.1
27270904
eCl@ss 9.0
27270904
eCl@ss 10.0
27270904
eCl@ss 11.0
27270904
eCl@ss 12.0
27270903
ETIM 5.0
EC002719
ETIM 6.0
EC002719
ETIM 7.0
EC002719
ETIM 8.0
EC002719
UNSPSC 16.0901
39121528
2023-07-11 15:20:55 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com