Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT45-R260 Datasheet(PDF) 6 Page - SICK AG

Part # WT45-R260
Description  COMPACT PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT45-R260 Datasheet(HTML) 6 Page - SICK AG

  WT45-R260 Datasheet HTML 1Page - SICK AG WT45-R260 Datasheet HTML 2Page - SICK AG WT45-R260 Datasheet HTML 3Page - SICK AG WT45-R260 Datasheet HTML 4Page - SICK AG WT45-R260 Datasheet HTML 5Page - SICK AG WT45-R260 Datasheet HTML 6Page - SICK AG WT45-R260 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WT45-R260 | W45
COMPACT PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
1
2
3
4
5
5
1
6
60 (2.36)
53 (2.09)
30
(1.18)
105 (4.13)
M6
28
(1.10)
25
(0.98)
98 (3.86)
A
A
33.4
(1.31)
①  LED signal strength indicator
②  Standard direction of the material being detected
③  Center of optical axis, receiver
④  Center of transmitter's optical axis
⑤  M6 threaded mounting hole, 8 mm deep
⑥  Alignment sight
6
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2023-07-11 15:20:55
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com