Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XQ-R Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT201XQ-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XQ-R Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT201XQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
36
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Parameter
Value
Notes
CBUS Drive Current
Strength
4mA
Options are 4mA, 8mA, 12mA, 16mA
CBUS slew rate
Slow
Options are slow or fast
CBUS Schmitt Trigger
Enable
Normal
Options are normal or Schmitt
Load VCP Driver
Disabled
Enabling this will load the VCP driver interface for
the device.
I2C Address
22h
The I2C device address
CBUS0
SLEEP#
Default configuration of CBUS0 – USB suspend mode.
CBUS1
TRI-STATE
Default configuration of CBUS1 – TRI-STATE.
CBUS2
TRI-STATE
Default configuration of CBUS2 – TRI-STATE
CBUS3
PWREN#
Default configuration of CBUS3 – Power enable. Low
after USB enumeration, high during USB suspend
mode.
CBUS4
VBUS_Sense
Default configuration of CBUS4– Power enable. Low
after USB enumeration, high during USB suspend
mode.
CBUS5
Keep_Awake#
Prevents the device from entering suspend state
when unplugged. May be used if programming the
MTP memory over I2C.
Table 10.1 Default Internal MTP Memory Configuration
Note: These values apply to Revision D and later. The previous revisions had different CBUS defaults.
10.2 Methods of Programming the MTP Memory
10.2.1
Programming the MTP memory over USB
The MTP memory on all FT-X devices can be programmed over USB. This method is the same as for the
EEPROM on other FTDI devices such as the FT232R. No additional hardware, connections or programming
voltages are required. The device is simply connected to the host computer in the same way that it would
be for normal applications, and the FT_Prog utility is used to set the required options and program the
device.
The FT_Prog utility is provided free-of-charge from the FTDI website, and can be found at the link below.
The user guide is also available at this link.
http://www.ftdichip.com/Support/Utilities.htm#FT_Prog
Additionally, D2XX commands can be used to program the MTP memory from within user applications.
For more information on the commands available, please see the D2XX Programmers Guide below.
http://www.ftdichip.com/Support/Documents/ProgramGuides/D2XX_Programmer's_Guide(FT_000071).p
df
10.2.2
Programming the MTP memory over I2C
In the FT201X device, it is possible to program the MTP memory over its I2C interface. This is the same
interface which is used in the normal application of the FT201X and would normally be connected to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com