Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XQ-R Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT201XQ-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XQ-R Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT201XQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
38
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
The User Memory Areas are highlighted in Green on the memory map. They can be read and written via
both USB and I2C. All locations within this range are freely programmable; no areas have special
functions and there is no checksum for the user area.
Note that the application should take into account the specification for the number of write cycles in
Section 6.4 if it will be writing to the MTP memory multiple times.
Configuration Memory Area (writable)
This area stores the configuration data for the device, including the data which is returned to the host in
the configuration descriptors (e.g. the VID, PID and string descriptions) and also values which set the
hardware configuration (the signal assigned to each CBUS pin for example).
These values can have a significant effect on the behaviour of the device. Steps must be taken to ensure
that these locations are not written to un-intentionally by an application which is intended to access only
the user area.
This area is included in a checksum which covers configuration areas of the memory, and so changing
any value can also cause this checksum to fail.
Configuration Memory Area (non-writable)
This is a reserved area and the application should not write to this area of memory. Any attempt to write
these locations will fail.
10.4 Hardware Requirements
The hardware is the same as for a typical USB-I2C application and no additional hardware or
programming voltages are required. The I2C connections are the same as shown in Section 8.1. For the
USB connections, either a bus-powered configuration (see Section 7.1 and 7.3) or a self-powered
configuration (see Section 7.2) could be used.
10.5 Protocol
The I2C MTP memory protocol consists of 3 commands:
Address MTP memory (0x10)
Write MTP memory (0x12)
Read MTP memory (0x14)
For further details on the I2C protocol, refer to section 5.
10.5.1
Address MTP memory (0x10)
This consists of a general call with a command phase followed by 2 data bytes which represent the MTP
memory address allowing users to address, potentially, up to 64K byte addresses.
10.5.2
Write MTP memory (0x12)
This consists of a general call with a command phase followed by 1 data byte which shall be programmed
into the MTP memory at the address location set by the MTP memory address command.
10.5.3
Read MTP memory (0x14)
This consists of a general call with a command phase followed by 1 data byte which is the data read from
the MTP memory at the address location set by the MTP memory address command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com